Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI53112-A00AGMR Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGMR
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGMR Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SI53112-A00AGMR Datasheet HTML 1Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 2Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 3Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 4Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 5Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 6Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 7Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 8Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Si53112
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
5
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
Table 3. Output Skew, PLL Bandwidth and Peaking
TA = –40 to 85 °C; supply voltage VDD =3.3 V ±5%
Parameter
Test Condition
Min
TYP
Max
Unit
CLK_IN, DIF[x:0]
Input-to-Output Delay in PLL Mode
Nominal Value1,2,3,4
–100
27
100
ps
CLK_IN, DIF[x:0]
Input-to-Output Delay in Bypass Mode
\Nominal Value2,4,5
2.5
3.3
4.5
ns
CLK_IN, DIF[x:0]
Input-to-Output Delay Variation in PLL mode
Over voltage and temperature2,4,5
–100
39
100
ps
CLK_IN, DIF[x:0]
Input-to-Output Delay Variation in Bypass Mode
Over voltage and temperature2,4,5
–250
3.7
250
ps
DIF[11:0]
Output-to-Output Skew across all 12 Outputs
(Common to Bypass and PLL Mode)1,2,3,4,5
0
20
50
ps
PLL Jitter Peaking
(HBW_BYPASS_LBW =0)6
—
0.4
2.0
dB
PLL Jitter Peaking
(HBW_BYPASS_LBW =1)6
—0.1
2.5
dB
PLL Bandwidth
(HBW_BYPASS_LBW =0)7
—
0.7
1.4
MHz
PLL Bandwidth
(HBW_BYPASS_LBW =1)7
—
2
4
MHz
Notes:
1. Measured into fixed 2 pF load cap. Input-to-output skew is measured at the first output edge following the
corresponding input.
2. Measured from differential cross-point to differential cross-point.
3. This parameter is deterministic for a given device.
4. Measured with scope averaging on to find mean value.
5. All Bypass Mode Input-to-Output specs refer to the timing between an input edge and the specific output edge created
by it.
6. Measured as maximum pass band gain. At frequencies within the loop BW, highest point of magnification is called PLL
jitter peaking.
7. Measured at 3 db down or half power point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com