Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI53112-A00AGMR Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGMR
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGMR Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SI53112-A00AGMR Datasheet HTML 7Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 8Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 9Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 10Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 11Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 12Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 13Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 14Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Si53112
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
11
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
2. Functional Description
2.1. CLK_IN, CLK_IN
The differential input clock is expected to be sourced from a clock synthesizer, e.g. CK420BQ, CK509B, or CK410B+.
2.2. OE and Output Enables (Control Registers)
Each output can be individually enabled or disabled by SMBus control register bits. Additionally, each output of the
DIF[11:0] has a dedicated OE pin. The OE pins are asynchronous, asserted-low signals. The Output Enable bits in
the SMBus registers are active high and are set to enable by default. The disabled state for the DB1200ZL NMOS
push-pull output is Low/Low. Please note that the logic level for assertion or deassertion is different in software
than it is on hardware. This follows hardware default nomenclature for communication channels (e.g., output is
enabled if the OE# pin is pulled low) and still maintains software programming logic (e.g., output is enabled if OE
register is true). Table 9 is a truth table depicting enabling and disabling of outputs via hardware and software. Note
that, for the output to be active, the control register bit must be a 1 and the OE pin must be a 0.
Note: The assertion and deassertion of this signal is absolutely asynchronous.
2.2.1. OE Assertion (Transition from 1 to 0)
All differential outputs that were disabled are to resume normal operation in a glitch-free manner. The latency from
the assertion to active outputs is 4 to 12 DIF clock periods.
2.2.2. OE De-Assertion (Transition from 0 to 1)
The impact of deasserting OE is that each corresponding output will transition from normal operation to disabled in
a glitch-free manner. A minimum of four valid clocks will be provided after the deassertion of OE. The maximum
latency from the deassertion to disabled outputs is 12 DIF clock periods.
2.3. 100M_133M—Frequency Selection
The Si53112 is optimized for lowest phase jitter performance at operating frequencies of 100 and 133 MHz.
100M_133M is a hardware input pin, which programs the appropriate output frequency of the differential outputs.
Note that the CLK_IN frequency must be equal to the CLK_OUT frequency; meaning Si53112 is operated in 1:1
mode only. Frequency selection can be enabled by the 100M_133M hardware pin. An external pull-up or pull-down
resistor is attached to this pin to select the input/output frequency. The functionality is summarized in Table 10.
Note: All differential outputs transition from 100 to 133 MHz or from 133 to 100 MHz in a glitch-free manner.
Table 9. Si53112 Output Management
Inputs
OE Hardware Pins and Control Register Bits
Outputs
PLL State
PWRGD/PWR
DN
CLK_IN/CLK_
IN
SMBUS
Enable Bit
OE Pin
DIF/DIF[11:0] FB_OUT/FB_
OUT
0
x
x
x
Low/Low
Low/Low
OFF
1
Running
0
x
Low/Low
Running
ON
1
0
Running
Running
ON
1
1
Low/Low
Running
ON
Table 10. Frequency Program Table
100M_133M
Optimized Frequency (CLK_IN = CLK_OUT)
0133.33 MHz
1100.00 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com