Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI53112-A00AGMR Datasheet(PDF) 15 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGMR
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGMR Datasheet(HTML) 15 Page - Skyworks Solutions Inc.

Back Button SI53112-A00AGMR Datasheet HTML 11Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 12Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 13Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 14Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 15Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 16Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 17Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 18Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 19Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Si53112
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
15
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
2.8. Buffer Power-Up State Machine
Figure 3. Buffer Power-Up State Diagram
Table 14. Buffer Power-Up State Machine
State
Description
0
3.3 V buffer power is off.
1
After 3.3 V supply is detected to rise above 1.8–2.0 V, the
buffer enters State 1 and initiates a 0.1–0.3 ms delay.
2
Buffer waits for a valid clock on the CLK input and PWRDN
de-assertion.
3
Once the PLL is locked to the CLK_IN input clock, the buffer
enters state 3 and enables outputs for normal operation.
Notes:
1. The total power-up latency from power-on to all outputs active must be less
than 1.8 ms (assuming a valid clock is present on CLK_IN input).
2. If power is valid and power-down is deasserted but no input clocks are
present on the CLK_IN input, DIF clocks must remain disabled. Only after
valid input clocks are detected, valid power, PWRDN deasserted with the
PLL locked/stable are the DIF outputs enabled.
Power Off
S0
Normal
Operation
S3
Powerdown Asserted
Delay
0.1 ms – 0.3 ms
S1
Wait for input
clock and
powerdown
deassertion
S2
No input clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com