Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI53112-A00AGMR Datasheet(PDF) 16 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGMR
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGMR Datasheet(HTML) 16 Page - Skyworks Solutions Inc.

Back Button SI53112-A00AGMR Datasheet HTML 12Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 13Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 14Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 15Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 16Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 17Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 18Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 19Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 20Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Si53112
16
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
3. Test and Measurement Setup
3.1. Input Edge
Input edge rate is based on single-ended measurement. This is the minimum input edge rate at which the Si53112
is guaranteed to meet all performance specifications.
3.1.1. Measurement Points for Differential
Figure 4. Measurement Points for Rise Time and Fall Time
Figure 5. Single-Ended Measurement Points for Vovs, Vuds, Vrb
Table 15. Input Edge Rate
Frequency
Min
Max
Unit
100 MHz
0.35
N/A
V/ns
133 MHz
0.35
N/A
V/ns
+150 mV
-150 mV
Slew_rise
+150 mV
-150 mV
Slew_fall
0.0 V
V_swing
0.0 V
Diff
Vovs
VHigh
Vrb
VLow
Vrb
Vuds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com