Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RQA6F Datasheet(PDF) 7 Page - STMicroelectronics

Part # M41T93RQA6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RQA6F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M41T93RQA6F Datasheet HTML 3Page - STMicroelectronics M41T93RQA6F Datasheet HTML 4Page - STMicroelectronics M41T93RQA6F Datasheet HTML 5Page - STMicroelectronics M41T93RQA6F Datasheet HTML 6Page - STMicroelectronics M41T93RQA6F Datasheet HTML 7Page - STMicroelectronics M41T93RQA6F Datasheet HTML 8Page - STMicroelectronics M41T93RQA6F Datasheet HTML 9Page - STMicroelectronics M41T93RQA6F Datasheet HTML 10Page - STMicroelectronics M41T93RQA6F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
M41T93
Summary description
7/49
Figure 1.
Logic diagram
1.
For QFN16 package only.
2.
Defaults to 32kHz on power-up.
3.
Open drain
1.
For QFN16 package only.
2.
Defaults to 32kHz on power-up.
3.
DU pin must be allowed to float (remain unconnected)
Table 1.
Signal name
Symbol
Description
XI(1)
32kHz oscillator input
XO(1)
32kHz oscillator output
IRQ/FT/OUT
Interrupt /frequency test/output driver (open drain)
SQW(2)
32kHz programmable square wave output
RST
Power-on reset output (open drain)
E
Chip enable
SDI
Serial data address input
SDO
Serial data address output
SCL
Serial clock input
VBAT
Battery supply voltage (Tie VBAT to VSS if no battery is connected.)
DU(3)
Do not use
VCC
Supply voltage
VSS
Ground
SDI
VCC
VSS
VBAT
SCL
RST
(3)
E
IRQ/OUT/FT
(3)
SQW
(2)
SDO
XI
(1)
XO
(1)
AI11818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com