Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RQA6F Datasheet(PDF) 46 Page - STMicroelectronics

Part # M41T93RQA6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RQA6F Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M41T93RQA6F Datasheet HTML 41Page - STMicroelectronics M41T93RQA6F Datasheet HTML 42Page - STMicroelectronics M41T93RQA6F Datasheet HTML 43Page - STMicroelectronics M41T93RQA6F Datasheet HTML 44Page - STMicroelectronics M41T93RQA6F Datasheet HTML 45Page - STMicroelectronics M41T93RQA6F Datasheet HTML 46Page - STMicroelectronics M41T93RQA6F Datasheet HTML 47Page - STMicroelectronics M41T93RQA6F Datasheet HTML 48Page - STMicroelectronics M41T93RQA6F Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
Package mechanical information
M41T93
46/49
Figure 23.
SOX18 – 18-lead Plastic Small Outline, 300mils, embedded crystal
Note:
Drawing is not to scale.
E
9
e
D
C
H
10
18
1
B
SO-J
A1
L
A1
α
h x 45
°
A
A2
ddd
Table 24.
SOX18 – 18-lead Plastic SO, 300mils, embedded crystal, pkg. mech. data
Sym
mm
inches
Typ
Min
Max
Typ
Min
Max
A
–
2.44
2.69
–
0.096
0.106
A1
–
0.15
0.31
–
0.006
0.012
A2
–
2.29
2.39
–
0.090
0.094
B
–
0.41
0.51
–
0.016
0.020
C
–
0.20
0.31
–
0.008
0.012
D
11.61
11.56
11.66
0.457
0.455
0.459
ddd
–
–
0.10
–
–
0.004
E
–
7.57
7.67
–
0.298
0.302
e1.27–
–
0.050
–
–
H
–
10.16
10.52
–
0.400
0.414
L
–
0.51
0.81
–
0.020
0.032
α
–
0°
8°
–
0°
8°
N18
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com