Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RQA6F Datasheet(PDF) 25 Page - STMicroelectronics

Part # M41T93RQA6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RQA6F Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M41T93RQA6F Datasheet HTML 21Page - STMicroelectronics M41T93RQA6F Datasheet HTML 22Page - STMicroelectronics M41T93RQA6F Datasheet HTML 23Page - STMicroelectronics M41T93RQA6F Datasheet HTML 24Page - STMicroelectronics M41T93RQA6F Datasheet HTML 25Page - STMicroelectronics M41T93RQA6F Datasheet HTML 26Page - STMicroelectronics M41T93RQA6F Datasheet HTML 27Page - STMicroelectronics M41T93RQA6F Datasheet HTML 28Page - STMicroelectronics M41T93RQA6F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
M41T93
Clock operation
25/49
Two methods are available for ascertaining how much calibration a given M41T93 may
require:
●
The first involves setting the clock, letting it run for a month and comparing it to a known
accurate reference and recording deviation over a fixed period of time. This allows the
designer to give the end user the ability to calibrate the clock as the environment
requires, even if the final product is packaged in a non-user serviceable enclosure. The
designer could provide a simple utility that accesses either or both of the Calibration
bytes.
●
The second approach is better suited to a manufacturing environment, and involves the
use of the IRQ/FT/OUT pin. The IRQ/FT/ OUT pin will toggle at 512Hz when FT and
OUT Bits = '1' and ST = '0.' Any deviation from 512Hz indicates the degree and
direction of oscillator frequency shift at the test temperature. For example, a reading of
512.010124Hz would indicate a +20 ppm oscillator frequency error, requiring either a –
10 (xx001010) to be loaded into the Digital Calibration byte, or +6pF (00011000) into
the Analog Calibration byte for correction.
Note:
Setting or changing the Digital Calibration Byte does not affect the Frequency Test, Square
Wave, or Watchdog Timer frequency, but changing the Analog Calibration byte DOES affect
all functions derived from the low current oscillator (see Figure 12).
Figure 12.
Clock divider chain and calibration circuits
AI11806a
Analog Calibration
Circuitry
Remainder of
Divider Circuit
1Hz Signal
512Hz Output
Frequency Test
32kHz
Low Current
Oscillator
CXI
CXO
÷2
÷8
÷2
÷2
÷2
÷2
Digital Calibration Circuitry
(divide by 511/512/513)
Clock
Registers
Square Wave
Watchdog Timer
8-Bit Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com