Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RQA6F Datasheet(PDF) 22 Page - STMicroelectronics

Part # M41T93RQA6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RQA6F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M41T93RQA6F Datasheet HTML 18Page - STMicroelectronics M41T93RQA6F Datasheet HTML 19Page - STMicroelectronics M41T93RQA6F Datasheet HTML 20Page - STMicroelectronics M41T93RQA6F Datasheet HTML 21Page - STMicroelectronics M41T93RQA6F Datasheet HTML 22Page - STMicroelectronics M41T93RQA6F Datasheet HTML 23Page - STMicroelectronics M41T93RQA6F Datasheet HTML 24Page - STMicroelectronics M41T93RQA6F Datasheet HTML 25Page - STMicroelectronics M41T93RQA6F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Clock operation
M41T93
22/49
3.4.2
Analog calibration (programmable load capacitance)
A second method of calibration employs the use of programmable internal load capacitors to
adjust (or trim) the oscillator frequency.
By design, the oscillator is intended to be 0 ppm ± crystal accuracy at room temperature
(25°C, see Figure 10 on page 23). For a 12.5pF crystal, the default loading on each side of
the crystal will be 25pF. For incrementing or decrementing the calibration value, capacitance
will be added or removed in increments of 0.25pF to each side of the crystal.
Internally, CLOAD of the oscillator is changed via two digitally controlled capacitors, CXI and
CXO, connected from the XI and XO pins to ground (see Figure 9 on page 19). The effective
on-chip series load capacitance, CLOAD, ranges from 3.5pF to 17.4pF, with a nominal value
of 12.5pF (AC0-AC6 = ‘0’).
The effective series load capacitance (CLOAD) is the combination of CXI and CXO:
Seven analog calibration bits, AC0 to AC6, are provided in order to adjust the on-chip load
capacitance value for frequency compensation of the RTC. Each bit has a different weight
for capacitance adjustment. An Analog Calibration Sign (ACS) bit determines if capacitance
is added (ACS Bit = ‘0,’ negative calibration) or removed (ACS Bit = ‘1,’ positive calibration).
The majority of the calibration adjustment is positive (i.e. to increase the oscillator frequency
by removing capacitance) due to the typical characteristic of quartz crystals to slow down
due to changes in temperature, but negative calibration is also available.
Since the Analog Calibration Register adjustment is essentially “pulling” the frequency of the
oscillator, the resulting frequency changes will not be linear with incremental capacitance
changes. The equations which govern this mechanism indicate that smaller capacitor values
of Analog Calibration adjustment will provide larger increments. Thus, the larger values of
Analog Calibration adjustment will produce smaller incremental frequency changes. These
values typically vary from 6-10 ppm/bit at the low end to <1 ppm/bit at the highest
capacitance settings. The range provided by the Analog Calibration Register adjustment
with a typical surface mount crystal is approximately ±30 ppm around the AC6-AC0 = 0
default setting because of this property (see Table5 on page23).
C
LOAD
11
C
XI
⁄
1C
XO
⁄
+
(
)
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com