Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RQA6F Datasheet(PDF) 30 Page - STMicroelectronics

Part # M41T93RQA6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RQA6F Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M41T93RQA6F Datasheet HTML 26Page - STMicroelectronics M41T93RQA6F Datasheet HTML 27Page - STMicroelectronics M41T93RQA6F Datasheet HTML 28Page - STMicroelectronics M41T93RQA6F Datasheet HTML 29Page - STMicroelectronics M41T93RQA6F Datasheet HTML 30Page - STMicroelectronics M41T93RQA6F Datasheet HTML 31Page - STMicroelectronics M41T93RQA6F Datasheet HTML 32Page - STMicroelectronics M41T93RQA6F Datasheet HTML 33Page - STMicroelectronics M41T93RQA6F Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Clock operation
M41T93
30/49
3.8.5
TD1/0
These are the timer source clock frequency selection bits (see Table 9). These bits
determine the source clock for the countdown timer (see Table 10). When not in use, the
TD1 and TD0 Bits should be set to ‘11’ (1/60Hz) for power saving.
Note:
Writing to the timer register will not reset the TF Bit or clear the interrupt.
Table 9.
Timer source clock frequency selection (244.1µs to 4.25 hrs)
TD1
TD0
Timer source clock frequency (Hz)
0
0
4096 (244.1µs)
0
1
64 (15.6ms)
10
1 (1s)
1
1
1/60 (60s)
Table 10.
Timer countdown value register bits (addr 11h)
Bit
Symbol
Description
7 - 0
<timer countdown
value>
This register holds the loaded countdown value ‘n.’
Countdown Period = n / Source Clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com