Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RQA6F Datasheet(PDF) 12 Page - STMicroelectronics

Part # M41T93RQA6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RQA6F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M41T93RQA6F Datasheet HTML 8Page - STMicroelectronics M41T93RQA6F Datasheet HTML 9Page - STMicroelectronics M41T93RQA6F Datasheet HTML 10Page - STMicroelectronics M41T93RQA6F Datasheet HTML 11Page - STMicroelectronics M41T93RQA6F Datasheet HTML 12Page - STMicroelectronics M41T93RQA6F Datasheet HTML 13Page - STMicroelectronics M41T93RQA6F Datasheet HTML 14Page - STMicroelectronics M41T93RQA6F Datasheet HTML 15Page - STMicroelectronics M41T93RQA6F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Operation
M41T93
12/49
2
Operation
The M41T93 clock operates as a slave device on the SPI serial bus. Each memory device is
accessed by a simple serial interface that is SPI bus-compatible. The bus signals are SCL,
SDI, and SDO (see Table 1 on page 7 and Figure 5 on page 10). The device is selected
when the Chip Enable input (E) is held low. All instructions, addresses and data are shifted
serially in and out of the chip. The most significant bit is presented first, with the data input
(SDI) sampled on the first rising edge of the clock (SCL) after the Chip Enable (E) goes low.
The 32 bytes contained in the device can then be accessed sequentially in the following
order:
The M41T93 clock continually monitors VCC for an out-of tolerance condition. Should VCC
fall below VRST, the device terminates an access in progress and resets the device address
counter. Inputs to the device will not be recognized at this time to prevent erroneous data
from being written to the device from a an out-of-tolerance system.
The power input will also be switched from the VCC pin to the external battery when VCC falls
below the battery back-up switchover voltage (VSO = VRST). At this time the clock registers
will be maintained by the battery supply. As system power returns and VCC rises above VSO,
the battery is disconnected, and the power supply is switched to external VCC.
Write protection continues until VCC reaches VPFD (min) plus tREC (min). For more
information on Battery Storage Life refer to Application Note AN1012.
1
Tenths/hundredths of a second register
2
Seconds register
3
Minutes register
4
Century/hours register
5
Day register
6
Date register
7
Month register
8
Year register
9
Digital calibration register
10
Watchdog register
11-15
Alarm1 registers
16
Flags register
17
Timer value register
18
Timer control register
19
Analog calibration register
20
Square wave register
21-25
Alarm2 registers
26-32
User RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com