Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RQA6F Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41T93RQA6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RQA6F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41T93RQA6F Datasheet HTML 19Page - STMicroelectronics M41T93RQA6F Datasheet HTML 20Page - STMicroelectronics M41T93RQA6F Datasheet HTML 21Page - STMicroelectronics M41T93RQA6F Datasheet HTML 22Page - STMicroelectronics M41T93RQA6F Datasheet HTML 23Page - STMicroelectronics M41T93RQA6F Datasheet HTML 24Page - STMicroelectronics M41T93RQA6F Datasheet HTML 25Page - STMicroelectronics M41T93RQA6F Datasheet HTML 26Page - STMicroelectronics M41T93RQA6F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
M41T93
Clock operation
23/49
Figure 10.
Crystal accuracy across temperature
Table 5.
Analog calibration values
1.
CLOAD = 1/(1/CXI + 1/CXO)
2.
Maximum negative calibration value
3.
Maximum positive calibration value
Addr
Analog
Calibration
Value
D7
D6
D5
D4
D3
D2
D1
D0
CXI, CXO CLOAD
(1)
ACS
(±)
AC6
(16pF)
AC5
(8pF)
AC4
(4pF)
AC3
(2pF)
AC2
(1pF)
AC1
(0.5pF)
AC0
(0.25pF)
12h
0pF
x
0
0
0
0
0
0
0
25pF
12.5pF
3pF
000
011
0
0
28pF
14pF
5pF
000
101
0
0
30pF
15pF
–7pF
1
0
0
1
1
1
0
0
18pF
9pF
9.75pF(2)
0
0
1
0
0
1
1
1
34.75pF
17.4pF
–18pF(3)
110
010
0
0
7pF
3.5pF
AI07888
–160
0
10203040506070
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
= –0.036 ppm/
°C
2 ± 0.006 ppm/°C2
K
∆F
= K x (T – T
O)
2
F
T
O = 25°C ± 5°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com