Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP01 Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

Part # SST13LP01
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP01 Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST13LP01 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP01
17
©2005 SST Communications Corp.
S71287-00-000
11/05
TYPICAL PERFORMANCE CHARACTERISTICS FOR 802.11A
TEST CONDITIONS: VCC = 3.3V, VREG_HB = 2.9V, TA = 25°C, 54 MPBS 802.11A OFDM SIGNAL
FIGURE 17: HIGH BAND EVM VERSUS OUTPUT POWER
FIGURE 18: HIGH BAND POWER SUPPLY CURRENT VERSUS OUTPUT POWER
Fre q = 4.92 GH z
Fre q = 5.18 GH z
Fre q = 5.32 GH z
Fre q = 5.805 GHz
Output Power (dBm)
EVM versus Output Power
0
1
2
3
4
5
6
7
8
9
10
9
10
111 21 31 4
151 6
171 8
19
20
21
22
23
Freq = 4.92 GHz
Freq = 5.18 GHz
Freq = 5.32 GHz
Freq = 5. 805 GHz
Output Power (dBm)
Supply Current versus Output Power
175
200
225
250
275
300
325
350
375
400
425
9
101 11 2
131 41 51 61 7
181 9
202 1
222 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com