Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP01 Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST13LP01
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP01 Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST13LP01 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP01
9
©2005 SST Communications Corp.
S71287-00-000
11/05
TYPICAL PERFORMANCE CHARACTERISTICS FOR 802.11B/G
TEST CONDITIONS: VCC = 3.3V, VREG_LB = 2.85V, TA = 25°C, 54 MPBS 802.11G OFDM SIGNAL
FIGURE 3: LOW BAND EVM VERSUS OUTPUT POWER
FIGURE 4: LOW BAND POWER SUPPLY CURRENT VERSUS OUTPUT POWER
0
1
2
3
4
5
6
7
8
9
10
9
10
111 21 31 4
151 61 71 8
19
20212 2
2324
Output Power (dBm)
Freq = 2.412 G Hz
Freq = 2.442 G Hz
Freq = 2.484 G Hz
1287 F03.0
EVM versus Output Power
Supply Current versus Output Power
75
100
125
150
175
200
225
250
275
9
1011
12131415
16
17181920
21222324
Output Power (dBm)
Freq = 2 .412 G Hz
Freq = 2 .442 G Hz
Freq = 2 .484 G H
z
1287 F04.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com