Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP01 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST13LP01
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP01 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST13LP01 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
©2005 SST Communications Corp.
S71287-00-000
11/05
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specifications
FEATURES:
•
High Gain:
– Typically 28 dB gain across 2.4-2.5 GHz over
temperature 0°C to +85°C
– Typically 30-33 dB gain across 4.9-5.8 GHz over
temperature 0°C to +85°C
•
High linear output power:
– >29 dBm P1dB across 2.4-2.5 GHz
(Exceeding maximum rating of average output
power, never measure with CW source! Pulsed
single-tone source with <50% duty cycle is rec-
ommended.)
– Meets 802.11g OFDM ACPR requirement up to
23 dBm
– Added EVM~4% up to 21 dBm for
54 Mbps 802.11g signal
– Meets 802.11b ACPR requirement up to 23 dBm
– ~28 dBm P1dB (Pulsed single-tone signal)
across 4.9~5.8 GHz
– Meets 802.11a OFDM ACPR requirement up to
22 dBm over whole band
– Added EVM~4% up to 20 dBm for
54 Mbps 802.11a signal
•
High power-added efficiency/Low operating
current for both 802.11a/b/g applications
– ~24%/250 mA @ POUT = 23 dBm for 802.11g
– ~23%/260 mA @ POUT = 23 dBm for 802.11b
– ~9.5%/320 mA @ POUT = 20 dBm for 802.11a
•
Built-in Ultra-low IREF power-up/down control
–IREF <3 mA
•
Low idle current
–~70 mA ICQ (802.11b/g)
– ~170 mA ICQ (802.11a)
•
High-speed power-up/down
– Turn on/off time (10%~90%) <100 ns
– Typical power-up/down delay with driver delay
included <200 ns
•
High temperature stability
– ~1 dB gain/power variation between 0°C to +85°C
across 2.4~2.5 GHz
– ~3.5/1.5 dB gain/max linear power variation
between 0°C to +85°C across 4.9~5.8 GHz
– ~1 dB detector variation over 0°C to +85°C
•
Low shut-down current (< 0.1 µA)
•
On-chip power detection
•
20 dB dynamic range on-chip power detection
•
Simple input/output matching
•
Packages available
– 24-contact WQFN (4mm x 4mm)
– Non-Pb (lead-free) packages available
APPLICATIONS:
•
WLAN (IEEE 802.11a/g/b)
•
Japanese WLAN
•
HyperLAN2
•
Multimedia
•Home RF
•
Cordless phones
PRODUCT DESCRIPTION
The SST13LP01 is a high-gain, high-performance, dual-
band power amplifier IC based on the highly-reliable
InGaP/GaAs HBT technology.
The SST13LP01 device can be easily configured for high-
power applications with superb power-added efficiency
while operating over the 802.11a/b/g frequency band for
U.S., European, and Japanese markets (2.4-2.5 GHz and
4.9-5.8 GHz.
The SST13LP01 has excellent linearity, typically ~4%
added EVM at 21 dBm output power which is essential for
54 Mbps 802.11g operation while meeting 802.11g spec-
trum mask at 23 dBm and 802.11b spectrum mask at 23
dBm. For 802.11a operation, the SST13LP01 has demon-
strated typically ~4% added EVM at 20 dBm output power
while meeting 802.11a spectrum mask at 22 dBm. The
SST13LP01 also has wide-range (>20 dB), temperature-
stable (~1 dB over 85°C), single-ended/differential power
detectors which lower users’ cost on power control.
The power amplifier IC also features easy board-level
usage along with high-speed power-up/down control.
Ultra-low reference current (total IREF <3 mA) makes the
SST13LP01 controllable by an on/off switching signal
directly from the baseband chip. These features, coupled
with low operating current, make the SST13LP01 ideal
for the final stage power amplification in both battery-
powered 802.11a/b/g WLAN transmitter and access
point applications.
The SST13LP01 is offered in a 24-contact WQFN package.
See Figure 1 for pin assignments and Table 1 for pin
descriptions.
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP01
SST13LP012.4 GHz / 5 GHz Dual-Band Power Amplifier


Similar Part No. - SST13LP01

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02-QDF SST-SST13LP02-QDF Datasheet
632Kb / 25P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02-QDF-K SST-SST13LP02-QDF-K Datasheet
632Kb / 25P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05 SST-SST13LP05 Datasheet
945Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
More results

Similar Description - SST13LP01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMPA2151 FAIRCHILD-FMPA2151 Datasheet
462Kb / 4P
2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
logo
Silicon Storage Technol...
SST11LP11 SST-SST11LP11 Datasheet
482Kb / 14P
4.9-5.8 GHz High-Linearity Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05 SST-SST13LP05 Datasheet
945Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
SST11LP12 SST-SST11LP12_10 Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812-BLKG AVAGO-ALM-2812-BLKG Datasheet
156Kb / 10P
Dual-Band (2.4-2.5) GHz (4.9-6) GHz WLAN Low-Noise Amplifier
logo
Broadcom Corporation.
ALM-2812 BOARDCOM-ALM-2812 Datasheet
156Kb / 10P
Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
DEMO-ALM-2X12 BOARDCOM-DEMO-ALM-2X12 Datasheet
156Kb / 10P
Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com