Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP01 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST13LP01
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP01 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST13LP01 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP01
13
©2005 SST Communications Corp.
S71287-00-000
11/05
FIGURE 10: LOW BAND CH14 DETECTOR CHARACTERISTICS OVER TEMPERATURE WITH
2:1 OUTPUT VSWR ALL PHASES
FIGURE 11: LOW BAND DETECTOR CHARACTERISTICS OVER TEMPERATURE WITH
2:1 OUTPUT VSWR ALL PHASES
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Freq = 2.484 GHz (0 C)
Freq = 2.484 GHz (25 C)
Freq = 2.484 GHz (85 C)
Freq = 2.484 GHz (Max)
Freq = 2.484 GHz (Min)
Output Power (dBm)
Detector Voltage versus Output Power
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
0
2
4
6
8
1012
1416
18
202224
26
Freq = 2.412 GHz (25 C)
Freq = 2.442 GHz (25 C)
Freq = 2.484 GHz (25 C)
Freq = 2.412 GHz (0 C)
Freq = 2.442 GHz (0 C)
Freq = 2.484 GHz (0 C)
Freq =2.412 GHz (85 C)
Freq = 2.442 GHz (85C)
Freq = 2.484 GHz (85 C)
Freq = 2.412 GHz (Max)
Freq = 2.412 GHz (Min)
Freq = 2.442 GHz (Max)
Freq = 2.442 GHz (Min)
Freq = 2.484 GHz (Max)
Freq = 2.484 GHz (Min)
Output Power (dBm)
Detector Voltage versus Output Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com