Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP01 Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST13LP01
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP01 Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST13LP01 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP01
©2005 SST Communications Corp.
S71287-00-000
11/05
6
For 802.11b/g Operation
TABLE
2: DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Typ
Max.
Unit
Test Conditions
VCC
Supply Voltage at pin 21
3.0
3.3
3.6
V
ICC
Supply Current
for 802.11g, 23 dBm
250
mA
for 802.11b, 23 dBm
260
mA
ICQ
Idle current for 802.11g to meet EVM<4% @ 21 dBm
70
mA
IOFF
Shut down current
0.1
µA
VREG
Reference Voltage at pin 22, with 105
Ω resistor
2.75
2.85
2.95
V
T2.1 1287
TABLE
3: AC ELECTRICAL CHARACTERISTICS FOR CONFIGURATION
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
2400
2485
MHz
G
Small signal gain
27
28
29
dB
GVAR1
Gain variation over band (2400~2485 MHz)
±0.5
dB
GVAR2
Gain ripple over channel (20 MHz)
0.2
dB
ACPR
Meet 11b spectrum mask
22
23
dBm
Meet 11g OFDM 54 MBPS spectrum mask
22
23
dBm
Added EVM
POUT = 22 dBm output with 54 MBPS 11g OFDM signal
4
%
2f, 3f, 4f, 5f
Harmonics at 22 dBm, without trapping capacitors
-40
dBc
T3.1 1287



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com