Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP01 Datasheet(PDF) 22 Page - Silicon Storage Technology, Inc

Part # SST13LP01
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP01 Datasheet(HTML) 22 Page - Silicon Storage Technology, Inc

Back Button SST13LP01 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 26Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP01
©2005 SST Communications Corp.
S71287-00-000
11/05
22
FIGURE 26: HIGH BAND DETECTOR CHARACTERISTICS OVER TEMPERATURE AT 5.32 GHZ
FIGURE 27: HIGH BAND DETECTOR CHARACTERISTICS OVER TEMPERATURE AT 5.805 GHZ
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
0
2
4
6
8
10
12
14161820
2224
Freq = 5.32 GHz (0 C)
Freq = 5.32 GHz (25 C)
Freq = 5.32 GHz (85 C)
Output Power (dBm)
Detector Voltage versus Output Power
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
0
2
4
6
8
10
12
14161820
2224
Freq = 5.805 GHz (0 C)
Freq = 5.805 GHz (25 C)
Freq = 5.805 GHz (85 C)
Output Power (dBm)
Detector Voltage versus Output Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com