Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP01 Datasheet(PDF) 24 Page - Silicon Storage Technology, Inc

Part # SST13LP01
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP01 Datasheet(HTML) 24 Page - Silicon Storage Technology, Inc

Back Button SST13LP01 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST13LP01 Datasheet HTML 27Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP01
©2005 SST Communications Corp.
S71287-00-000
11/05
24
FIGURE 29: TYPICAL APPLICATION
1287 Schematic1.0
R1 105
Ω
C2
100pF
Vreg_LB
Vcc_LB
RFin_LB
Vcc_HB
Vreg_HB
RFin_HB
50
Ω / 125 mil
C1
2pF
50
Ω
C18
100pF
C4 0.1uF
C13 0.1 uF
50
Ω
50
Ω / 85 mil
C8 47pF
Det_HB
RFout_HB
RFout_LB
Det_LB
C9
2.4pF
C11
10 pF
C10
0.3pF
C17
10uF
C12 0.1uF
L1
12nH
Operating Conditions: Vreg_LB = 2.85V, Vcc_LB = 3.3V, Vreg_HB = 2.9V, Vcc_HB = 3.3V
2
5
6
8
16
15
1
14
4
911
12
10
13
3
7
17
18
19
20
21
22
23
24
LB Bias Circuit
HB Bias Circuit
C3
10uF
C16 0.1uF
C14 100pF
C15 0.1uF
80 x 60 mil
C5 0.1uF
C6 10pF
C7 0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com