Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036AIPFC Datasheet(PDF) 32 Page - Texas Instruments

Part # TAS5036AIPFC
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFC Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS5036AIPFC Datasheet HTML 28Page - Texas Instruments TAS5036AIPFC Datasheet HTML 29Page - Texas Instruments TAS5036AIPFC Datasheet HTML 30Page - Texas Instruments TAS5036AIPFC Datasheet HTML 31Page - Texas Instruments TAS5036AIPFC Datasheet HTML 32Page - Texas Instruments TAS5036AIPFC Datasheet HTML 33Page - Texas Instruments TAS5036AIPFC Datasheet HTML 34Page - Texas Instruments TAS5036AIPFC Datasheet HTML 35Page - Texas Instruments TAS5036AIPFC Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
Serial Control Interface Register Definitions
26
SLES061B—November 2002—Revised January 2004
TAS5036A
3.2
Error Status Register (0x01)
Table 3−3. Error Status Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
-
-
-
-
-
-
-
FS error has occurred
-
1
-
-
-
-
-
-
Control pin change has occurred
-
-
-
1
-
-
-
-
LRCLK error
-
-
-
-
1
-
-
-
MCLK_IN count error
-
-
-
-
-
1
-
-
DCLK phase error with respect to MCLK_IN
-
-
-
-
-
-
1
-
MCLK_IN phase error with respect to DCLK
-
-
-
-
-
-
-
1
PWM timing error
0
0
0
0
0
0
0
0
No errors—no control pins changed (see Note 1)
NOTE 1: Write 00h to clear error indications in error status register.
3.3
System Control Register 0 (0x02)
Table 3−4. System Control Register 0
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
-
-
-
-
-
-
Normal mode (in slave mode—quad speed detected if MCLK_IN = 128 Fs)
0
1
-
-
-
-
-
-
Double speed
1
0
-
-
-
-
-
-
Quad speed
1
1
-
-
-
-
-
-
Illegal
-
-
0
-
-
-
-
-
Use de-emphasis pin controls
-
-
1
-
-
-
-
-
Use de-emphasis I2C controls
-
-
-
0
0
-
-
-
No de-emphasis
-
-
-
0
1
-
-
-
De-emphasis for Fs = 32 kHz
-
-
-
1
0
-
-
-
De-emphasis for Fs = 44.1 kHz
-
-
-
1
1
-
-
-
De-emphasis for Fs = 48 kHz
-
-
-
-
-
0
0
0
16 bit, MSB first; right justified
-
-
-
-
-
0
0
1
20 bit, MSB first; right justified
-
-
-
-
-
0
1
0
24 bit, MSB first; right justified
-
-
-
-
-
0
1
1
16-bit I2S
-
-
-
-
-
1
0
0
20-bit I2S
-
-
-
-
-
1
0
1
24-bit I2S
-
-
-
-
-
1
1
0
16-bit MSB first
-
-
-
-
-
1
1
1
16-bit DSP frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com