Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036AIPFC Datasheet(PDF) 22 Page - Texas Instruments

Part # TAS5036AIPFC
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFC Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5036AIPFC Datasheet HTML 18Page - Texas Instruments TAS5036AIPFC Datasheet HTML 19Page - Texas Instruments TAS5036AIPFC Datasheet HTML 20Page - Texas Instruments TAS5036AIPFC Datasheet HTML 21Page - Texas Instruments TAS5036AIPFC Datasheet HTML 22Page - Texas Instruments TAS5036AIPFC Datasheet HTML 23Page - Texas Instruments TAS5036AIPFC Datasheet HTML 24Page - Texas Instruments TAS5036AIPFC Datasheet HTML 25Page - Texas Instruments TAS5036AIPFC Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
Architecture Overview
16
SLES061B—November 2002—Revised January 2004
TAS5036A
Table 2−6. Device Outputs During Reset
SIGNAL
MODE
SIGNAL STATE
Valid 1−Valid 6
All
Low
PWM_P outputs
All
Low
PWM_M outputs
All
Low
MCLK_OUT
All
Low
SCLK
Master
Low
SCLK
Slave
Signal input
LRCLK
Master
Low
LRCLK
Slave
Signal input
SDA
All
Signal input
CLIP
All
High
Because the RESET is an asynchronous control signal, small clicks and pops can be produced during the
application (the leading edge) of this control. However, when RESET is released, the transition from the hard
mute state back to normal operation is performed synchronously using a quiet sequence.
If a completely quiet reset sequence is desired, MUTE should be applied before applying RESET.
Table 2−7. Values Set During Reset
CONTROL
SETTING
Volume
0 dB
MCLK_IN frequency
256
Master/slave mode
M_S terminal state
Automute
Enabled
De-emphasis
None
DC offset
0
Interchannel delay
Each channel is set to default value
2.2.2 Power Down—PDN
The TAS5036A can be placed into the power-down mode by holding the PDN terminal low. When the
power-down mode is entered, both the PLL and the oscillator are shut down. Volume is immediately set to full
attenuation (there is no ramp down). The valid 1−6 outputs are immediately asserted low and the PWM outputs
are placed in the hard mute state. PDN initiates device power down without clock inputs. As long as the PDN
terminal is held low, the device is in the power-down (hard mute) state.
During power down, all I2C and serial data bus operations are ignored. Table 2−8 shows the device output
signals while PDN is active.
Table 2−8. Device Outputs During Power Down
SIGNAL
MODE
SIGNAL STATE
Valid 1−Valid 6
All
Low
PWM_P outputs
All
Low
PWM_M outputs
All
Low
MCLK_OUT
All
Low
SCLK
Master
Low
SCLK
Slave
Signal input
LRCLK
Master
Low
LRCLK
Slave
Signal input
SDA
All
Signal input
CLIP
All
High
To place the device in total power-down mode, both RESET and power-down modes must be enabled. Prior
to bringing PDN high, RESET must be brought low for a minimum of 50 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com