Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036AIPFC Datasheet(PDF) 41 Page - Texas Instruments

Part # TAS5036AIPFC
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFC Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS5036AIPFC Datasheet HTML 37Page - Texas Instruments TAS5036AIPFC Datasheet HTML 38Page - Texas Instruments TAS5036AIPFC Datasheet HTML 39Page - Texas Instruments TAS5036AIPFC Datasheet HTML 40Page - Texas Instruments TAS5036AIPFC Datasheet HTML 41Page - Texas Instruments TAS5036AIPFC Datasheet HTML 42Page - Texas Instruments TAS5036AIPFC Datasheet HTML 43Page - Texas Instruments TAS5036AIPFC Datasheet HTML 44Page - Texas Instruments TAS5036AIPFC Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
System Procedures for Initialization, Changing Data Rates, and Switching Between Master and Slave Modes
35
SLES061B—November 2002—Revised January 2004
TAS5036A
MCLK
MUTE
Terminal
ERR_RCVRY
Terminal
Change from a 96-kHz data rate
MCLK_IN = 24.576 MHz
Clock unstable during transition.
HIGH and LOW intervals < 20 ns
Change to a 48-kHz data rate
MCLK_IN = 12.288 MHz
Volume Ramp
Up 120 ms
Volume Ramp
Down 60 ms
ERR_RCVRY can be set at
any time within this interval
Release ERR_RCVRY and
then MUTE when I2C
registers are programmed
> 5 ms
RESET
Terminal
< 2 ms
Set data rate and
restore other
register settings
via I2C
Wait a minimum of 100
µs after the
LOW to HIGH transition of RESET
Figure 4−6. Changing the Data Sample Rate With an Unstable MCLK_IN Using the I2C
4.3
Changing Between Master and Slave Modes
The M_S terminal is set while the RESET terminal is active. Because this sequence employs the RESET
terminal the internal register settings are set to the default values.
Figure 4−7 shows the procedure to switch between master and slave modes and then restore the register
settings. In this example, the ERR_RCVRY terminal is used to hold off system re-initialization after RESET
is released. This permits the system controller to have as much additional time as necessary to restore the
register settings.
Once the data rate is set, the ERR_RCVRY and MUTE terminal signals are set high and the system
re-initializes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com