Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036AIPFC Datasheet(PDF) 48 Page - Texas Instruments

Part # TAS5036AIPFC
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFC Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS5036AIPFC Datasheet HTML 44Page - Texas Instruments TAS5036AIPFC Datasheet HTML 45Page - Texas Instruments TAS5036AIPFC Datasheet HTML 46Page - Texas Instruments TAS5036AIPFC Datasheet HTML 47Page - Texas Instruments TAS5036AIPFC Datasheet HTML 48Page - Texas Instruments TAS5036AIPFC Datasheet HTML 49Page - Texas Instruments TAS5036AIPFC Datasheet HTML 50Page - Texas Instruments TAS5036AIPFC Datasheet HTML 51Page - Texas Instruments TAS5036AIPFC Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
Specifications
42
SLES061B—November 2002—Revised January 2004
TAS5036A
5.4.2 Serial Audio Port
5.4.2.1
Serial Audio Ports Slave Mode Over Recommended Operating Conditions (Unless
Otherwise Noted)
PARAMETER
MIN
TYP
MAX
UNIT
f(SCLK)
Frequency, SCLK
12.288
MHz
tsu(SDIN)
SDIN setup time before SCLK rising edge
20
ns
th(SDIN)
SDIN hold time before SCLK rising edge
10
ns
f(LRCLK)
LRCLK frequency
32
48
192
kHz
MCLK_IN duty cycle
50%
SCLK duty cycle
50%
LRCLK duty cycle
50%
tsu(LRCLK)
LRCLK setup time before SCLK rising edge
20
ns
MCLK high and low time
20
ns
5.4.2.2
Serial Audio Ports Master Mode, Load Conditions 50 pF Over Recommended
Operating Conditions (Unless Otherwise Noted)
PARAMETER
MIN
TYP
MAX
UNIT
t(MSD)
MCLK_IN to SCLK
0
5
ns
t(MLRD)
MCLK_IN to LRCLK
0
5
ns
5.4.2.3
DSP Serial Interface Mode Over Recommended Operating Conditions (Unless
Otherwise Noted)
PARAMETER
MIN
TYP
MAX
UNIT
f(SCLK)
SCLK frequency
12.288
MHz
td(FS)
Delay time, SCLK rising to Fs
ns
tw(FSHIGH)
Pulse duration, sync
1/(64xfs)
ns
tsu(SDIN)
SDIN and LRCLK setup time before SCLK falling edge
20
ns
th(SDIN)
SDIN and LRCLK hold time from SCLK falling edge
10
ns
SCLK duty cycle
50%
th(SDIN)
tsu(SDIN)
SCLK
SDIN
Figure 5−6. Right-Justified, I2S, Left-Justified Serial Protocol Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com