Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036AIPFC Datasheet(PDF) 42 Page - Texas Instruments

Part # TAS5036AIPFC
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFC Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS5036AIPFC Datasheet HTML 38Page - Texas Instruments TAS5036AIPFC Datasheet HTML 39Page - Texas Instruments TAS5036AIPFC Datasheet HTML 40Page - Texas Instruments TAS5036AIPFC Datasheet HTML 41Page - Texas Instruments TAS5036AIPFC Datasheet HTML 42Page - Texas Instruments TAS5036AIPFC Datasheet HTML 43Page - Texas Instruments TAS5036AIPFC Datasheet HTML 44Page - Texas Instruments TAS5036AIPFC Datasheet HTML 45Page - Texas Instruments TAS5036AIPFC Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
System Procedures for Initialization, Changing Data Rates, and Switching Between Master and Slave Modes
36
SLES061B—November 2002—Revised January 2004
TAS5036A
MCLK
MUTE
Terminal
ERR_RCVRY
Terminal
Change from Master Mode
Clock unstable during transition.
Change to Slave Mode
Volume Ramp
Up 120 ms
Volume Ramp
Down 60 ms
ERR_RCVRY can be set at
any time within this interval
Release ERR_RCVRY and
then MUTE when I2C
registers are programmed
> 5 ms
RESET
Terminal
M_S
Terminal
< 2 ms
Wait a minimum of
100
µs to set M_S
Restore register
settings via I2C
Wait a minimum of 100
µs after the
LOW to HIGH transition of RESET
Figure 4−7. Changing Between Master and Slave Clock Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com