Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036AIPFC Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS5036AIPFC
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFC Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5036AIPFC Datasheet HTML 17Page - Texas Instruments TAS5036AIPFC Datasheet HTML 18Page - Texas Instruments TAS5036AIPFC Datasheet HTML 19Page - Texas Instruments TAS5036AIPFC Datasheet HTML 20Page - Texas Instruments TAS5036AIPFC Datasheet HTML 21Page - Texas Instruments TAS5036AIPFC Datasheet HTML 22Page - Texas Instruments TAS5036AIPFC Datasheet HTML 23Page - Texas Instruments TAS5036AIPFC Datasheet HTML 24Page - Texas Instruments TAS5036AIPFC Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
Architecture Overview
15
SLES061B—November 2002—Revised January 2004
TAS5036A
2.1.7.4
DSP Mode Timing
DSP mode timing uses LRCLK to define when data is to be transmitted for both channels. A bit clock running
at 64
× Fs is used to clock in the data. The first bit of the left channel data appears on the data lines following
the LRCLK transition. The data is written MSB first and is valid on the rising edge of the bit clock. The
TAS5036A masks unused trailing data bit positions.
SCLK
LRCLK
64 SCLKS
LSB
MSB
16 Bits
Left
Channel
16 Bits
Right
Channel
32 Bits Unused
SDIN
LSB
MSB
Figure 2−9. DSP Format
2.2
Reset, Power Down, and Status
The reset, power down, and status circuitry provides the necessary controls to bring the TAS5036A to the initial
inactive condition, achieve low-power standby, and report system status.
2.2.1 Reset—RESET
The TAS5036A is placed in the reset mode by setting the RESET terminal low.
RESET is an asynchronous control signal that restores the TAS5036A to its default conditions, sets the valid
1−6 outputs low, and places the PWM in the hard mute state. Volume is immediately set to full attenuation
(there is no ramp down).
As long as the RESET terminal is held low, the device is in the reset state. During reset, all I2C and serial data
bus operations are ignored. Table 2−6 shows the device output signals while RESET is active.
Upon the release of RESET, if POWER_DWN is high, the system performs a 4-ms to 5-ms device initialization
and then ramps the volume up to 0 db using a soft volume update sequence. If MCLK_IN is not active when
RESET is released high, then a 4-ms to 5-ms initialization sequence is produced once MCLK_IN becomes
active.
During device initialization all controls are reset to their initial states. Table 2−7 shows the control settings that
are changed during initialization.
RESET should be applied during power-up initialization or while changing the master slave clock states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com