Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036AIPFC Datasheet(PDF) 27 Page - Texas Instruments

Part # TAS5036AIPFC
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFC Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS5036AIPFC Datasheet HTML 23Page - Texas Instruments TAS5036AIPFC Datasheet HTML 24Page - Texas Instruments TAS5036AIPFC Datasheet HTML 25Page - Texas Instruments TAS5036AIPFC Datasheet HTML 26Page - Texas Instruments TAS5036AIPFC Datasheet HTML 27Page - Texas Instruments TAS5036AIPFC Datasheet HTML 28Page - Texas Instruments TAS5036AIPFC Datasheet HTML 29Page - Texas Instruments TAS5036AIPFC Datasheet HTML 30Page - Texas Instruments TAS5036AIPFC Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
Architecture Overview
21
SLES061B—November 2002—Revised January 2004
TAS5036A
2.4.1 Clipping Indicator
The clipping output is designed to indicate clipping. When any of the six PWM outputs exceeds the maximum
allowable amplitude, the clipping indicator is asserted. The clipping indicator is cleared every 10 ms.
2.4.2 Error Recovery
Error recovery is used to provide error management and to permit the PWM output to be reset while preserving
all intervolume, interchannel delay, dc offsets, and the other internal settings. Error recovery is initiated by
bringing the ERR_RCVRY terminal low for a minimum 5 MCLK_IN cycles or by setting the error recovery bit
in control register 1. Error recovery is a level-sensitive signal.
The device also performs an error recovery automatically:
•
When the speed configuration is changed to normal, double, or quad speed
•
Following a change in the serial data bus interface configuration
When ERR_RCVRY is brought low, all valid signals go low, and the PWM_P and PWM_M outputs go low. If
there are any pending speed configurations, these changes are then performed. When ERR_RCVRY is
brought high, a delay of 4 ms to 5 ms is performed before the system starts the output re-initialization
sequence. After the initialization time, the TAS5036A begins normal operation. During error recovery, all
controls and device settings that were not updated are maintained in their current configurations.
To permit error recovery to be used to provide TAS5100 error management and recovery, the delay between
the start of (falling edge) error recovery and the falling edge of valid 1 though valid 6 is selectable. This delay
can be selected to be either 6
µs or 47 µs.
During error recovery all serial data bus operations are ignored. At the conclusion of the sequence, the error
recovery register bit is returned to the normal operation state. Table 2−11 shows the device output signal
states during error recovery.
Table 2−11. Device Outputs During Error Recovery
SIGNAL
MODE
SIGNAL STATE
Valid 1−Valid 6
All
Low
PWM_P outputs
All
Low
PWM_M outputs
All
Low
MCLK_OUT
All
Low
SCLK
Master
Low
SCLK
Slave
Signal input
LRCLK
Master
Low
LRCLK
Slave
Signal input
SDA
All
Signal input
CLIP
All
High
The transitions are done using a quiet entrance and exit sequence to prevent pops and clicks.
2.4.3 Individual Channel Error Recovery
Individual channel error recovery is used to provide error management and to permit the PWM output to be
turned off. Error recovery is initiated by setting one or more of the six error recovery bits in the error recovery
register to low.
While the error recover bits are brought low, the valid signals go to the low state. When the error recovery bits
are brought high, a delay of 4 ms to 5 ms occurs before the channels are returned to normal operation.
The delay between the falling edge of the error recover bit and the falling edge of valid 1 though valid 6 is
selectable. This delay can be selected to be either 6
µs or 47 µs.
The TAS5036A controls the relative timing of the pseudo-differential drive control signals plus the valid signal
to minimize the production of system noise during error recovery operations. The transitions to valid low and
valid high are done using an almost quiet entrance and exit sequence to prevent pops and clicks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com