Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200 Datasheet(PDF) 17 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG200 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 13Page - Texas Instruments LOG200 Datasheet HTML 14Page - Texas Instruments LOG200 Datasheet HTML 15Page - Texas Instruments LOG200 Datasheet HTML 16Page - Texas Instruments LOG200 Datasheet HTML 17Page - Texas Instruments LOG200 Datasheet HTML 18Page - Texas Instruments LOG200 Datasheet HTML 19Page - Texas Instruments LOG200 Datasheet HTML 20Page - Texas Instruments LOG200 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
8.3 Power Supply Recommendations
The LOG200 has a maximum supply voltage of 12.6 V (±6.3 V) and a minimum supply voltage of 4.5 V
(±2.25 V). Decoupling capacitors must be used on the power supply and VCM pins.
In many cases, a 5
‑V single-ended supply or ±5‑V bipolar supply is used. If the only power supply available in
the system is a 3.3
‑V single-ended supply, a boost converter is needed to achieve the 4.5‑V minimum operating
voltage required by the LOG200. This approach can require larger decoupling capacitors to reduce the effects of
power-supply ripple on the device.
8.4 Layout
8.4.1 Layout Guidelines
Attention to good layout practices is always recommended. For best operational performance of the device, use
good printed circuit board (PCB) layout practices, including:
• Make sure that both input paths of the secondary amplifier are symmetrical and well-matched for source
impedance and capacitance to avoid converting common-mode signals into differential signals and thermal
electromotive forces (EMFs).
• Noise can propagate into analog circuitry through the power pins of the device and of the circuit as a whole.
Bypass capacitors reduce the coupled noise by providing low-impedance power sources local to the analog
circuitry. Connect low-ESR, 0.1-µF X7R ceramic bypass capacitors between each supply pin and ground,
placed as close as possible to the device. A single bypass capacitor from V+ to ground is applicable for
single-supply applications.
• Use a C0G (NP0) ceramic capacitor for the VCM decoupling capacitance and place as close to the VCM pin
as possible.
• Connect C0G (NP0) ceramic bypass capacitors to each of the REF165 and REF25 reference pins, as close
to the pins as possible. Use a sum of 250 pF to 350 pF of capacitance per pin.
• For photoelectric-sensing applications, place the photodiode as close as possible to the I1 pin to minimize
parasitic inductance.
• Use ceramic C0G (NP0)-dielectric capacitors for any capacitance that is part of the input or output signal
chain (C3, C4, C5, and CBIAS if implemented).
• Surround the current input traces with copper guard traces all the way from the source to the input pins of the
LOG200. Remove all solder mask and silkscreen from the guard area to reduce surface-charge accumulation
and prevent surface-level leakage paths. Use VCM as the guard potential.
– For ultra-low current measurements, the guard must be implemented in a three-dimensional scheme to
prevent leakage currents originating in other layers from flowing into the signal path. Place additional
guard copper on the next layer directly below the surface-level signal and guard traces to protect from
vertical leakage paths. Surround the sensitive input traces with a via fence connecting the guard copper
on different layers to complete the three-dimensional guard enclosure.
• To reduce parasitic coupling, run the input traces as far away as possible from the supply or output traces.
If these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better than in
parallel with the noisy trace.
• Minimize the number of thermal junctions. Ideally, the signal path is routed within a single layer without vias,
with the traces as short as possible.
• Keep sufficient distance from major thermal energy sources (circuits with high power dissipation). If not
possible, place the device so that the effects of the thermal energy source on the high and low sides of the
differential signal path are evenly matched.
• Solder the thermal pad to the PCB. For the LOG200 to properly dissipate heat and minimize leakage,
connect the thermal pad to a plane or large copper pour that is electrically connected to VCM, even for
low-power applications.
www.ti.com
LOG200
SBOSA28 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com