Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200 Datasheet(PDF) 5 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG200 Datasheet(HTML) 5 Page - Texas Instruments

  LOG200 Datasheet HTML 1Page - Texas Instruments LOG200 Datasheet HTML 2Page - Texas Instruments LOG200 Datasheet HTML 3Page - Texas Instruments LOG200 Datasheet HTML 4Page - Texas Instruments LOG200 Datasheet HTML 5Page - Texas Instruments LOG200 Datasheet HTML 6Page - Texas Instruments LOG200 Datasheet HTML 7Page - Texas Instruments LOG200 Datasheet HTML 8Page - Texas Instruments LOG200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
6.5 Electrical Characteristics
at TA = 25°C, VS = 5 V (±2.5 V) to 10 V (±5 V), RL = 2 kΩ connected to VS / 2, VCM = VREFA = VREFGND = VS / 2, II1 = 1 µA,
and II2 = 1 µA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOG CONFORMITY ERROR
Logarithmic conformity
error (1)
II1 = 10 nA to 100 µA
TBD
0.017
dB
TBD
±0.2
%
TA = 0°C to 85°C
TBD
0.026
dB
TBD
±0.3
%
II1 = 10 nA to 1 mA
0.017
0.044
dB
0.2
±0.5
%
TA = 0°C to 85°C
TBD
0.087
dB
TBD
±1
%
II1 = 1 nA to 10 mA
0.028
0.065
dB
0.32
±0.75
%
TA = 0°C to 85°C
TBD
0.131
dB
TBD
±1.5
%
TA = –40°C to +125°C
TBD
0.265
dB
TBD
±3
%
TRANSFER FUNCTION (GAIN)
Initial scaling factor (2)
II1 = 100 pA to 10 mA
252
mV/decade
Scaling factor error
II1 = 1 nA to 100 µA
–0.7
0.7
%
TA = 0°C to 85°C
–0.9
0.9
II1 = 100 pA to 10 mA
–1
1
TA = 0°C to 85°C
–1.5
1.5
TA = –40°C to +125°C
–3.2
3.2
LOGARITHMIC AMPLIFIER INPUT
VOS
Offset voltage
VI1 – VCM
II1 = 1 nA
2
mV
II1 = 1 mA
50
II1 = 1 mA, TA = –40°C to
+125°C
TBD
VI2 – VCM
II2 = 1 nA
2
II2 = 1 mA
2
II1 = 1 mA, TA = –40°C to
+125°C
TBD
dVOS/dT
Offset voltage drift
VI1 – VCM
TBD
µV/°C
VI2 – VCM
TBD
VCM
Input common mode
voltage
(VS–) + 2.3
(VS+) – 2.0
V
CMRR
Common-mode rejection
ratio (2)
(VS–) + 2.3 < VCM < (VS+) – 2.0, II1 = II2 = 1 µA
60
dB
IBIAS ratio
II1 = 10 µA
1.143
A/A
II1 = 10 mA
1.175
IBIAS voltage
II1 = 10 µA and 10 mA
(VS–)
(VS+) – 1.0
V
In
Input current noise
f = 1 kHz
II1 = II2 = 1 nA
TBD
pA/√Hz
II1 = II2 = 1 µA
TBD
www.ti.com
LOG200
SBOSA28 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com