Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200 Datasheet(PDF) 1 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG200 Datasheet(HTML) 1 Page - Texas Instruments

  LOG200 Datasheet HTML 1Page - Texas Instruments LOG200 Datasheet HTML 2Page - Texas Instruments LOG200 Datasheet HTML 3Page - Texas Instruments LOG200 Datasheet HTML 4Page - Texas Instruments LOG200 Datasheet HTML 5Page - Texas Instruments LOG200 Datasheet HTML 6Page - Texas Instruments LOG200 Datasheet HTML 7Page - Texas Instruments LOG200 Datasheet HTML 8Page - Texas Instruments LOG200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LOG200 Precision, High-Speed Logarithmic Amplifier
With Integrated Photodiode Bias
1 Features
• Ultra-fast transient response to low current levels:
– Settling time for 10
‑nA to 100‑nA step:
220
‑ns rising, 630‑ns falling (typ)
– Settling time for 100
‑nA to 1‑μA step:
80
‑ns rising, 240‑ns falling (typ)
• Wide dynamic current range:
100 pA to 10 mA (160 dB)
• High signal bandwidth:
– 6 MHz at 1 μA to 10 mA
– 120 kHz at 1 nA
• High-accuracy transfer function:
– 0.2 % max log conformity error
• Integrated reference current (1 μA) and reference
voltages (2.5 V and 1.65 V) for accurate ratio
calculation
• Low reference drift: 20 ppm/°C (typ)
• Additional auxiliary high-speed op amp for
differential ADC drive, single-ended gain or filter
blocks, and other peripheral functions
• Single supply (4.5 V to 12.6 V) or
dual supply (±2.25 V to ±6.3 V) operation
• Low quiescent current: 9.5 mA
• Specified temperature range: –40°C to +125°C
• Small package: 3 mm × 3 mm VQFN
2 Applications
• Optical modules
• Inter-DC interconnect
• Optical network terminal unit
• Chemistry/gas analyzer
• Erbium-doped fiber optic amplifier (EDFA)
+
–
+
–
+
–
I2
I1
PD
Bias
IBIAS
VCM
+
–
REFGND
+
–
2.5 V
1.65 V
REF25
REF165
+
–
REFA
OUTA
OUTB
–IN
+IN
VS+
VS–
VS+
1 μA
IREF
LOG200 Device Schematic
3 Description
The LOG200 is a wide-dynamic-range current-to-
voltage amplifier specifically designed to optimize
current measurements across 160 dB of dynamic
range
with
unparalleled
accuracy
and
speed
for optical communications, medical diagnostics,
and industrial process control measurements. The
LOG200 features two logarithmic amplifiers followed
by a high-accuracy differential amplifier that convert
current signals into a voltage representing the log-
compressed ratio of the two currents. The current
inputs are designed to feature a high-speed response
from one input, and a highly accurate reference
signal on the other input, allowing for a unique
combination of fast transient response and high
logarithmic conformity.
The LOG200 ratio is internally set to 250 mV/
decade of current-to-voltage conversion. The device
integrates an uncommitted high-speed amplifier to
allow the output to be configured for differential or
filtered responses, with a fast settling time to drive
successive approximation analog-to-digital converters
(SAR ADCs). The LOG200 also features a separate
reference current and reference voltage designed to
configure the device for optimized input current and
common-mode voltages.
The LOG200 can be powered in a single-supply
(4.5 V to 12.6 V) or dual-supply (±2.25 V to ±6.3 V)
configuration and is specified from –40°C to +125°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
LOG200
RGT (VQFN, 16)
3 mm × 3 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
LOG200
SBOSA28 – AUGUST 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - LOG200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG200 TI-LOG200 Datasheet
4Mb / 42P
LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
DECEMBER 2024
LOG200RGTR TI-LOG200RGTR Datasheet
4Mb / 42P
LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
DECEMBER 2024
LOG200RGTT TI-LOG200RGTT Datasheet
4Mb / 42P
LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
DECEMBER 2024
LOG200 TI-LOG200_V01 Datasheet
4Mb / 42P
LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
DECEMBER 2024
More results

Similar Description - LOG200

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
LOG100 BURR-BROWN-LOG100 Datasheet
123Kb / 9P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
OPT301 BURR-BROWN-OPT301 Datasheet
163Kb / 11P
INTEGRATED PHOTODIODE AND AMPLIFIER
LOG101 BURR-BROWN-LOG101 Datasheet
281Kb / 13P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
OPT201 BURR-BROWN-OPT201 Datasheet
213Kb / 11P
INTEGRATED PHOTODIODE AND AMPLIFIER
LOG114 BURR-BROWN-LOG114 Datasheet
605Kb / 30P
Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
logo
Analog Devices
ADN3000-06 AD-ADN3000-06 Datasheet
68Kb / 2P
6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
Burr-Brown (TI)
LOG114 BURR-BROWN-LOG114_12 Datasheet
806Kb / 29P
Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
LOG101AIDE4 BURR-BROWN-LOG101AIDE4 Datasheet
618Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG101AIDE4 TI-LOG101AIDE4 Datasheet
608Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
Si ??photodiode with integrated transimpedance amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com