Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200 Datasheet(PDF) 6 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 2Page - Texas Instruments LOG200 Datasheet HTML 3Page - Texas Instruments LOG200 Datasheet HTML 4Page - Texas Instruments LOG200 Datasheet HTML 5Page - Texas Instruments LOG200 Datasheet HTML 6Page - Texas Instruments LOG200 Datasheet HTML 7Page - Texas Instruments LOG200 Datasheet HTML 8Page - Texas Instruments LOG200 Datasheet HTML 9Page - Texas Instruments LOG200 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6.5 Electrical Characteristics (continued)
at TA = 25°C, VS = 5 V (±2.5 V) to 10 V (±5 V), RL = 2 kΩ connected to VS / 2, VCM = VREFA = VREFGND = VS / 2, II1 = 1 µA,
and II2 = 1 µA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGARITHMIC AMPLIFIER OUTPUT
VOSO
Output offset voltage
1.3
±7.5
mV
TA = –40°C to +125°C
2.5
±10
mV
PSRR
Power supply rejection
ratio
II1 = II2 = 1 µA
0.1
mV/V
Voltage output swing
(VS–) + 0.3
(VS+) – 0.3
V
Short-circuit current
±20
mA
Capacitive load
100
pF
AUXILIARY OPERATIONAL AMPLIFIER
Offset voltage
±700
µV
TA = –40°C to +125°C
±1
mV
Offset voltage drift
±3
µV/°C
Input bias current
±3
µA
TA = –40°C to +125°C
TBD
Input offset current
±100
nA
TA = –40°C to +125°C
±200
Input common mode
voltage
(VS–) + 1.0
(VS+) – 1.0
V
Input voltage noise
density
f = 0.1 Hz to 10 kHz
57
nVRMS
f = 1 kHz
4
nV/√Hz
Input current noise
f = 1 kHz
1.2
pA/√Hz
AOL
Open-loop voltage gain
(VS–) + 200 mV < VO < (VS+)
– 200 mV, RL = 10 kΩ
126
dB
TA = –40°C to +125°C
120
(VS–) + 200 mV < VO < (VS+)
– 200 mV, RL = 2 kΩ
120
TA = –40°C to +125°C
114
GBW
Gain-bandwidth product
42
MHz
SR
Slew rate
2-V step, G = +1
22
V/μs
tS
Settling time
To 0.1%, 2-V step, G = +1
120
ns
To 0.01%, 2-V step, G = +1
140
CIN
Input capacitance
Differential
1.9
pF
Common-mode
0.7
ZO
Open-loop output
impedance
f = 1 MHz
6.3
Ω
NOISE
Voltage noise (3)
f = 1 kHz, II2 = IREF
II1 = 1 nA
2000
nV/√Hz
II1 = 10 nA
600
II1 = 100 nA
200
II1 = 1 µA
120
FREQUENCY RESPONSE
BW
–3-dB bandwidth (4)
I1 input
II2 = IREF, II1 = 100 pA
TBD
kHz
II2 = IREF, II1 = 1 nA
0.12
MHz
II2 = IREF, II1 = 10 nA
0.4
II2 = IREF, II1 = 100 nA
1.8
II2 = IREF, II1 = 1 µA to 10 mA
6
I2 input
II1 = IREF, II2 = 100 pA
TBD
kHz
II1 = IREF, II2 = 1 nA
TBD
MHz
II1 = IREF, II2 = 10 nA
TBD
II1 = IREF, II2 = 100 nA
TBD
II1 = IREF, II2 = 1 µA to 10 mA
TBD
LOG200
SBOSA28 – AUGUST 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com