Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200 Datasheet(PDF) 7 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG200 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 3Page - Texas Instruments LOG200 Datasheet HTML 4Page - Texas Instruments LOG200 Datasheet HTML 5Page - Texas Instruments LOG200 Datasheet HTML 6Page - Texas Instruments LOG200 Datasheet HTML 7Page - Texas Instruments LOG200 Datasheet HTML 8Page - Texas Instruments LOG200 Datasheet HTML 9Page - Texas Instruments LOG200 Datasheet HTML 10Page - Texas Instruments LOG200 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
6.5 Electrical Characteristics (continued)
at TA = 25°C, VS = 5 V (±2.5 V) to 10 V (±5 V), RL = 2 kΩ connected to VS / 2, VCM = VREFA = VREFGND = VS / 2, II1 = 1 µA,
and II2 = 1 µA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Step response, I1 (4)
II2 = IREF, II1 = 100 pA to 1
nA
Rising
14
µs
Falling
34
II2 = IREF, II1 = 100 pA to 10
nA
Rising
2
Falling
22
II2 = IREF, II1 = 10 nA to 100
nA
Rising
0.22
Falling
0.63
II2 = IREF, II1 = 100 nA to 1
µA
Rising
0.08
Falling
0.24
II2 = IREF, II1 = 100 µA to 1
mA
Rising
0.03
Falling
0.08
VOLTAGE REFERENCE
VREF165
REF165 initial voltage
1.646
1.65
1.654
V
REF165 initial accuracy
–0.2
0.2
%
VREF25
REF25 initial voltage
2.495
2.5
2.505
V
REF25 initial accuracy
–0.2
0.2
%
REFGND compliance
voltage
(VS–)
(VS+) – 4.5
V
Temperature coefficient
REF165 reference, REF25 reference
20
ppm/
℃
Output current
REF165 reference, REF25 reference
–2
5
mA
Load regulation
REF165 reference, –2 mA < IREF165 < 5 mA
TBD
µV/mA
REF25 reference, –2 mA < IREF25 < 5 mA
TBD
Line regulation
5 V < VS < 10 V
REF165 reference
TBD
µV/V
REF25 reference
TBD
Short-circuit current
TBD
mA
Noise
TBD
µVRMS
CURRENT REFERENCE
IIREF
IREF initial current
0.98
1
1.02
µA
IREF initial accuracy
–2
2
%
Temperature coefficient
100
ppm/
℃
IREF compliance voltage
(VS–)
(VS+) – 1.0
V
Output impedance
ΔVIREF / ΔIIREF
1.2
GΩ
POWER SUPPLY
IQ
Quiescent current
IOUTA = IOUTB = 0 mA
9.5
TBD
mA
TA = –40°C to +125°C
TBD
(1)
See definition of logarithmic conformity error in Section 8.1.1.1.
(2)
For preview devices, this value is 252 mV/decade. For Production-Data devices, this value will be 250 mV/decade.
(3)
Output referred.
(4)
Assumes parasitic CIN of 3 pF or less.
(5)
Step response is defined as 10% to 90%.
www.ti.com
LOG200
SBOSA28 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com