Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200 Datasheet(PDF) 13 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG200 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 9Page - Texas Instruments LOG200 Datasheet HTML 10Page - Texas Instruments LOG200 Datasheet HTML 11Page - Texas Instruments LOG200 Datasheet HTML 12Page - Texas Instruments LOG200 Datasheet HTML 13Page - Texas Instruments LOG200 Datasheet HTML 14Page - Texas Instruments LOG200 Datasheet HTML 15Page - Texas Instruments LOG200 Datasheet HTML 16Page - Texas Instruments LOG200 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
8.1.1.1 Logarithmic Conformity Error
The LOG200 current-input logarithmic conversions, as well as the input and gain resistors of the LOG200
output-stage difference amplifier, have some inherent mismatches (both initially and across temperature) that
appear as errors at the system level. These errors are subdivided into three categories: offset error, gain or
scaling factor error, and logarithmic or log conformity error (LCE). The LCE is a nonlinear error that is measured
after the offset and gain errors have been calibrated, and is similar in many ways to the integrated nonlinearity
error of an ADC or DAC. The LCE describes the difference between the expected value and measured value
due to random nonideal behavior within the device. The LCE is defined in one of two possible ways: either as an
immediate error (with units of volts) or as a maximum error envelope (expressed as a percentage). Typically, a
plot of input current or logarithmic current (logarithmic scale) vs output voltage (linear scale) is used for the data
set, as in Figure 8-3.
I2 Input Current ( A)
0.01
0.1
1
10
100
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
10 nA to 100 µA
Figure 8-3. OUTA Voltage vs I1 Input Current
First, a best-fit line is established to describe the device transfer function. The slope of this line as compared
to the nominal scaling factor, K, establishes the scaling factor error, and the intercept of the line establishes the
offset error. Next, the difference of the measured device output as compared to the point on the best-fit line
is calculated for a given input condition (point on the X axis). For any given point, the result is the immediate
logarithmic conformity error, and the value differs depending on the data range across that the best-fit line was
established. For example, at high input currents, the LOG200 experiences self-heating due to the increased
power dissipation through parasitic resistances, and these thermal effects result in higher apparent LCE within
the 100-µA to 10-mA current range than is measured within the 10-nA to 100-µA current range.
II1 ( A)
0.01
0.1
1
10
100
-1.2
-0.9
-0.6
-0.3
0
0.3
0.6
10 nA to 100 µA
Figure 8-4. Logarithmic Conformity Error vs I1 Input Current
www.ti.com
LOG200
SBOSA28 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com