Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200 Datasheet(PDF) 8 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG200 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 4Page - Texas Instruments LOG200 Datasheet HTML 5Page - Texas Instruments LOG200 Datasheet HTML 6Page - Texas Instruments LOG200 Datasheet HTML 7Page - Texas Instruments LOG200 Datasheet HTML 8Page - Texas Instruments LOG200 Datasheet HTML 9Page - Texas Instruments LOG200 Datasheet HTML 10Page - Texas Instruments LOG200 Datasheet HTML 11Page - Texas Instruments LOG200 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
6.6 Typical Characteristics
at TA = 25°C, VS = 5 V (±2.5 V) to 10 V (±5 V), RL = 2 kΩ connected to VS / 2, VCM = VREFA = VREFGND = VS / 2, II1 = 1 µA,
and II2 = 1 µA (unless otherwise noted)
I1 Input Current ( A)
0.01
0.1
1
10
100
1000
10000
-0.6
-0.3
0
0.3
0.6
0.9
1.2
Figure 6-1. OUTA Voltage vs I1 Input Current
Figure 6-2. OUTA Voltage vs I2 Input Current
I1 Input Current ( A)
0.01
0.1
1
10
100
1000
10000
-0.6
-0.3
0
0.3
0.6
0.9
1.2
TA =
−40 C
TA = +25 C
TA = +85 C
Figure 6-3. OUTA Voltage vs I1 Input Current over Temperature
I1 Input Current ( A)
0.01
0.1
1
10
100
1000
10000
-4
-2
0
2
4
6
8
VS = 10 V (±5 V)
Figure 6-4. Logarithmic Conformity Error vs I1 Input Current
LOG200
SBOSA28 – AUGUST 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com