Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2M3/XXX Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST72104G2M3/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M3/XXX Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST72104G2M3/XXX Datasheet HTML 116Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 117Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 118Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 119Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 120Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 121Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 122Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 123Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
120/140
I/O PORT PIN CHARACTERISTICS (Cont’d)
Figure 83. Typical VOL vs. VDD (standard I/Os)
Figure 84. Typical VOL vs. VDD (high-sink I/Os)
Figure 85. Typical VDD-VOH vs. VDD
3.2
3.5
4
4.5
5
5.5
Vdd [V]
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Vol [V] at Iio=2mA
Ta=-40°C
Ta=25°C
Ta=85°C
Ta=125°C
3.2
3.5
4
4.5
5
5.5
Vdd [V]
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
Vol [V] at Iio=5mA
Ta=-40°C
Ta=25°C
Ta=85°C
Ta=125°C
3.2
3.5
4
4.5
5
5.5
Vdd [V]
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
Vol [V] at Iio=8mA
Ta=-40°C
Ta=25°C
Ta=85°C
Ta=125°C
3.2
3.5
4
4.5
5
5.5
Vdd [V]
0.5
0.7
0.9
1.1
1.3
1.5
Vol [V] at Iio=20mA
Ta=-40°C
Ta=25°C
Ta=85°C
Ta=125°C
3.5
4
4.5
5
5.5
Vdd [V]
0
1
2
3
4
5
Vdd-Voh [V] at Iio=-5mA
Ta=-40°C
Ta=25°C
Ta=85°C
Ta=125°C
3.2
3.5
4
4.5
5
5.5
Vdd [V]
2
2.5
3
3.5
4
4.5
5
5.5
Vdd-Voh [V] at Iio=-2mA
Ta=-40°C
Ta=25°C
Ta=85°C
Ta=125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com