Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2M3/XXX Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST72104G2M3/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M3/XXX Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST72104G2M3/XXX Datasheet HTML 117Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 118Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 119Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 120Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 121Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 122Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 123Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 124Page - STMicroelectronics ST72104G2M3/XXX Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
121/140
14.9 CONTROL PIN CHARACTERISTICS
14.9.1 Asynchronous RESET Pin
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Figure 86. Typical Application with RESET pin 8)
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD=5V.
2. Data based on characterization results, not tested in production.
3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
4. The IIO current sunk must always respect the absolute maximum rating specified in Section 14.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
5. The RON pull-up equivalent resistor is based on a resistive transistor (corresponding ION current characteristics de-
scribed in Figure 87). This data is based on characterization results, not tested in production.
6. To guarantee the reset of the device, a minimum pulse has to be applied to RESET pin. All short pulses applied on
RESET pin with a duration below th(RSTL)in can be ignored.
7. The reset network (the resistor and two capacitors) protects the device against parasitic resets, especially in a noisy
environments.
8. The output of the external reset circuit must have an open-drain output to drive the ST7 reset pad. Otherwise the device
can be damaged when the ST7 generates an internal reset (LVD or watchdog).
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIL
Input low level voltage 2)
0.3xVDD
V
VIH
Input high level voltage 2)
0.7xVDD
Vhys
Schmitt trigger voltage hysteresis 3)
400
mV
VOL
Output low level voltage 4)
(see Figure 88, Figure 89)
VDD=5V
IIO=+5mA
0.68
0.95
V
IIO=+2mA
0.28
0.45
RON
Weak pull-up equivalent resistor 5)
VIN=VSS
VDD=5V
20
40
60
k
Ω
VDD=3.4V
80
100
120
tw(RSTL)out Generated reset pulse duration
External pin or
internal reset sources
6
30
1/fSFOSC
µs
th(RSTL)in External reset pulse hold time
6)
20
µs
tg(RSTL)in Filtered glitch duration
7)
100
ns
RESET
VDD
WATCHDOG RESET
ST72XXX
LVD RESET
INTERNAL
RON
0.1
µF
VDD
0.1
µF
VDD
4.7k
Ω
EXTERNAL
RESET
CIRCUIT 8)
RESET CONTROL
USER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com