Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004UM/AD Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # DSP56004UM/AD
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004UM/AD Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button DSP56004UM/AD Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
Specifications
DC Electrical Characteristics
MOTOROLA
DSP56004/D, Rev. 3
2-3
DC ELECTRICAL CHARACTERISTICS
Table 2-3
DC Electrical Characteristics
Characteristics
Symbol
50 MHz
66 MHz
81 MHz
Unit
Min Typ Max
Min Typ Max
Min
Typ
Max
Supply voltage
VCC
4.5
5.0
5.5
4.5
5.0
5.5
4.75
5.0
5.25
V
Input high voltage
•
EXTAL
•
RESET
•
MODA, MODB,
MODC
•
SHI inputs1
•
All other inputs
VIHC
VIHR
VIHM
VIHS
VIH
4.0
2.5
3.5
0.7
×
VCC
2.0
—
—
—
—
—
VCC
VCC
VCC
VCC
VCC
4.0
2.5
3.5
0.7
×
VCC
2.0
—
—
—
—
—
VCC
VCC
VCC
VCC
VCC
4.0
2.5
3.5
0.7
×
VCC
2.0
—
—
—
—
—
VCC
VCC
VCC
VCC
VCC
V
V
V
V
V
Input low voltage
•
EXTAL
•
MODA, MODB,
MODC
•
SHI inputs1
•
All other inputs
VILC
VILM
VILS
VIL
–0.5
–0.5
–0.5
–0.5
—
—
—
—
0.6
2.0
0.3
×
VCC
0.8
–0.5
–0.5
–0.5
–0.5
—
—
—
—
0.6
2.0
0.3
×
VCC
0.8
–0.25
–0.25
–0.25
–0.25
—
—
—
—
0.6
2.0
0.3
×
VCC
0.8
V
V
V
V
Input leakage current
•
EXTAL, RESET,
MODA, MODB,
MODC, DR
•
Other Input Pins
(@ 2.4 V/0.4 V)
IIN
–1
–10
—
—
1
10
–1
–10
—
—
1
10
–1
–10
—
—
1
10
µA
µA
High impedance (off-state)
input current (@ 2.4 V / 0.4 V)
ITSI
–10
—
10
–10
—
10
–10
—
10
µA
Output high voltage
(IOH = –0.4 mA)
VOH
2.4
—
—
2.4
—
—
2.4
—
—
V
Output low voltage
(IOL = 3.2 mA)
SCK/SCL IOL = 6.7 mA
MISO/SDA IOL = 6.7 mA
HREQ IOL = 6.7 mA
VOL
—
—
0.4
—
—
0.4
—
—
0.4
V
Internal Supply Current
•
Normal mode
•
Wait mode
•
Stop mode2
ICCI
ICCW
ICCS
—
—
—
75
14
5
1054
25
110
—
—
—
103
18
5
1304
30
110
—
—
—
120
20
5
1554
30
110
mA
mA
µA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com