Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004UM/AD Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # DSP56004UM/AD
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004UM/AD Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button DSP56004UM/AD Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
Specifications
On-Chip Emulation (OnCE
™) Timing
MOTOROLA
DSP56004/D, Rev. 3
2-37
ON-CHIP EMULATION (OnCE
™) TIMING
(CL = 50 pF + 2 TTL Loads)
Table 2-17
OnCE Timing
No.
Characteristics
All frequencies
Unit
Min
Max
230
DSCK Low
40
—
ns
231
DSCK High
40
—
ns
232
DSCK Cycle Time
200
—
ns
233
DR Asserted to DSO (ACK) Asserted
5 TC
—ns
234
DSCK High to DSO Valid
—
42
ns
235
DSCK High to DSO Invalid
3
—
ns
236
DSI Valid to DSCK Low (Set-up)
15
—
ns
237
DSCK Low to DSI Invalid (Hold)
3
—
ns
238
Last DSCK Low to OS0–OS1, ACK Active
3 TC + TL
—ns
239
DSO (ACK) Asserted to First DSCK High
2 TC
—ns
240
DSO (ACK) Assertion Width
4 TC + TH – 3
5 TC + 7
ns
241
DSO (ACK) Asserted to OS0–OS1 High
Impedance1
—0
ns
242
OS0–OS1 Valid to EXTAL Transition #2
T C – 21
—
ns
243
EXTAL Transition #2 to OS0–OS1 Invalid
0
—
ns
244
Last DSCK Low of Read Register to First DSCK
High of Next Command
7 TC + 10
—
ns
245
Last DSCK Low to DSO Invalid (Hold)
3
—
ns
246
DR Assertion to EXTAL Transition #2 for Wake
Up from Wait State
10
TC – 10
ns
247
EXTAL Transition #2 to DSO After Wake Up from
Wait State
17 TC
—ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com