Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004UM/AD Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # DSP56004UM/AD
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004UM/AD Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button DSP56004UM/AD Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 82Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
4-4
DSP56004/D, Rev. 3
MOTOROLA
Design Considerations
Power Consumption Considerations
POWER CONSUMPTION CONSIDERATIONS
Power dissipation is a key issue in portable DSP applications. Some of the factors
which affect current consumption are described in this section. Most of the current
consumed by CMOS devices is Alternating Current (AC), which is charging and
discharging the capacitances of the pins and internal nodes.
Current consumption is described by the formula:
Equation 3:
where:
C = node/pin capacitance
V = voltage swing
f = frequency of node/pin toggle
The Maximum Internal Current (ICCImax) value reflects the typical possible
switching of the internal buses on best-case operation conditions, which is not
necessarily a real application case. The Typical Internal Current (ICCItyp) value
reflects the average switching of the internal buses on typical operating conditions.
For applications that require very low current consumption:
•
Minimize the number of pins that are switching.
•
Minimize the capacitive load on the pins.
•
Connect the unused inputs to pull-up or pull-down resistors.
•
Disable unused peripherals.
•
Disable unused pin activity.
Example 4-1
Current Consumption
For an I/O pin loaded with 50 pF capacitance, operating at 5.5 V, and with a 81 MHz clock, toggling
at its maximum possible rate (20 MHz), the current consumption is:
Equation 4:
I
CVf
×
×
=
I50
10
12
–
×
5.5
×
20
×
10
6
×
5.5mA
==
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com