Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004UM/AD Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # DSP56004UM/AD
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004UM/AD Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button DSP56004UM/AD Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
2-40
DSP56004/D, Rev. 3
MOTOROLA
Specifications
On-Chip Emulation (OnCE
™) Timing
Figure 2-28 DSP56004 OnCE EXTAL to Status Timing
Figure 2-29 DSP56004 OnCE DSCK Next Command After Read Register Timing
Figure 2-30 Synchronous Recovery from Wait State
Figure 2-31 Asynchronous Recovery from Wait State
EXTAL
OS0–OS1
(Output)
Note:
1.
High Impedance, external pull-down resistor
2.
Valid when the ratio between EXTAL frequency and clock frequency equals 1
(Note 1)
(Note 2)
242
243
AA0282
DSCK
(Input)
(Next Command)
244
AA0283
T0, T2
T1, T3
EXTAL
DR
(Input)
DSO
(Output)
248
246
247
AA0284
DR
(Input)
DSO
(Output)
248
249
AA0285
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com