Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004UM/AD Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # DSP56004UM/AD
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004UM/AD Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button DSP56004UM/AD Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
2-20
DSP56004/D, Rev. 3
MOTOROLA
Specifications
Serial Audio Interface (SAI) Timing
SERIAL AUDIO INTERFACE (SAI) TIMING
(CL = 50 pF + 2 TTL Loads)
Table 2-11
Serial Audio Interface (SAI) Timing
No.
Characteristics
Mode
Expression
50 MHz
66 MHz
81 MHz
Unit
Min Max Min Max Min Max
111 Minimum Serial Clock Cycle =
tSAICC (min)
master
slave
4
× T
C
3
× T
C + 5
80
65
—
—
61
51
—
—
49.4
42
—
—
ns
ns
112 Serial Clock High Period
master
slave
0.5
× t
SAICC – 8
0.35
× t
SAICC
32
23
—
—
22
18
—
—
16.7
14.7
—
—
ns
ns
113 Serial Clock Low Period
master
slave
0.5
× t
SAICC – 8
0.35
× t
SAICC
32
23
—
—
22
18
—
—
16.7
14.7
—
—
ns
ns
114 Serial Clock Rise/Fall Time
master
slave
8
0.15
× t
SAICC
—
—
8
10
—
—
8
8
—
—
8
6.3
ns
ns
115 Data In Valid to SCKR edge
(Data In Set-up Time)
master
slave
26
4
26
4
—
—
26
4
—
—
26
4
—
—
ns
ns
116 SCKR Edge to Data In Not
Valid (Data In Hold Time)
master
slave
0
14
0
14
—
—
0
14
—
—
0
14
—
—
ns
ns
117 SCKR Edge to Word Select Out
Valid (WSR Out Delay Time)
master
20
—
20
—
20
—
20
ns
118 Word Select In Valid to SCKR
Edge (WSR In Set-up Time)
slave
12
12
—
12
—
12
—
ns
119 SCKR Edge to Word Select In
Not Valid (WSR In Hold Time)
slave
12
12
—
12
—
12
—
ns
121 SCKT Edge to Data Out Valid
(Data Out Delay Time)
master
slave1
slave2
13
40
TH + 34
—
—
—
13
40
44
—
—
—
13
40
41
—
—
—
13
40
40.2
ns
ns
ns
122 SCKT Edge to Word Select Out
Valid (WST Out Delay Time)
master
19
—
19
—
19
—
19
ns
123 Word Select In Valid to SCKT
Edge (WST In Set-up Time)
slave
12
12
—
12
—
12
—
ns
124 SCKT Edge to Word Select In
Not Valid (WST In Hold Time)
slave
12
12
—
12
—
12
—
ns
Note:
1.
When the Frequency Ratio between Parallel and Serial clocks is 1:4 or greater
2.
When the Frequency Ratio between Parallel and Serial clocks is 1:3 – 1:4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com