Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004UM/AD Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # DSP56004UM/AD
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004UM/AD Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button DSP56004UM/AD Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
Specifications
Serial Host Interface (SHI) I2C Protocol Timing
MOTOROLA
DSP56004/D, Rev. 3
2-33
174 Start Condition
Hold Time
tHD;STA master
slave
bypassed
narrow
wide
bypassed
narrow
wide
0.5
× t
I
2CCP + 12 –
tf
0.5
× t
I
2CCP + 12 –
tf
0.5
× t
I
2CCP + 12 –
tf
2
× T
C + T
H + 21
2
× T
C + T
H + 100
2
× T
C + T
H + 200
332
352
372
71
150
250
—
—
—
—
—
—
318
340
378
59
138
238
—
—
—
—
—
—
313
338
375
51.9
131
231
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
175 SCL Low Period
tLOW
master
slave
bypassed
narrow
wide
bypassed
narrow
wide
0.5
× t
I
2CCP + 18 –
tf
0.5
× t
I
2CCP + 18 –
tf
0.5
× t
I
2CCP + 18 –
tf
2
× T
C + 74 + tr
2
× T
C + 286 + tr
2
× T
C + 586 + tr
338
358
378
352
564
864
—
—
—
—
—
—
324
346
384
342
554
854
—
—
—
—
—
—
319
344
381
337
536
849
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
176 SCL High Period
tHIGH master
slave
bypassed
narrow
wide
bypassed
narrow
wide
0.5
× t
I
2CCP +
2
× T
C + 19
0.5
× t
I
2CCP +
2
× T
C + 144
0.5
× t
I
2CCP +
2
× T
C + 356
2
× T
C + TH – 1
2
× T
C + TH + 18
2
× T
C + TH + 30
379
544
776
49
68
80
—
—
—
—
—
—
375
523
773
37
56
68
—
—
—
—
—
—
365
514
763
30
49
61
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
177
SCL Rise Time
Output1
Input
tr
1.7
× R
P ×
(CL + 20)
2000
—
—
238
2000
—
—
238
2000
—
—
238
2000
ns
ns
178 SCL Fall Time
Output1
Input
tf
20 + 0.1
×
(CL– 50)
2000
—
—
20
2000
—
—
20
2000
—
—
20
2000
ns
ns
179 Data Set-up Time tSU;DAT
bypassed
narrow
wide
TC + 8
TC + 60
TC + 74
28
80
94
—
—
—
23
75
89
—
—
—
20
72
86
—
—
—
ns
ns
ns
Table 2-15
SHI Improved I2C Protocol Timing (Continued)
Improved I2C (CL = 50 pF, RP = 2 kΩ)
No.
Char.
Sym.
Mode
Filter
Mode
Expression
50 MHz2
66 MHz3
81 MHz4
U
n
i
t
Min Max Min Max Min Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com