Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004UM/AD Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # DSP56004UM/AD
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004UM/AD Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button DSP56004UM/AD Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
Packaging
Pin-out and Package Information
MOTOROLA
DSP56004/D, Rev. 3
3-7
Figure 3-3 80-pin Plastic Quad Flat Pack (PQFP) Mechanical Information
L
MIN
MAX
MILLIMETERS
DIM
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
13.90
13.90
2.15
0.22
2.00
0.22
-
0.13
0.65
55
0.13
05
0.13
16.95
0.13
05
16.95
0.35
14.10
14.10
2.45
0.38
2.40
0.33
0.25
0.23
0.95
105
0.17
75
0.30
17.45
-
-
17.45
0.45
0.65 BSC
12.35 BSC
0.325 BSC
1.6 REF
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DATUM PLANE -H- IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD WHERE
THE LEAD EXITS THE PLASTIC BODY AT THE
BOTTOM OF THE PARTING LINE.
4. DATUMS -A-, -B- AND -D- TO BE DETERMINED AT
DATUM PLANE -H-.
5. DIMENSIONS S AND V TO BE DETERMINED AT
SEATING PLANE -C-.
6. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25
PER SIDE. DIMENSIONS A AND B DO
INCLUDE MOLD MISMATCH AND ARE DETERMINED
AT DATUM PLANE -H-.
7. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.08 TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT.
P
-A,B,D-
B
B
DETAIL A
F
D
N
SECTION B-B
J
C
0.20
A-B
D
S
S
M
-H-
DATUM
PLANE
DETAIL C
K
Q
R
T
W
X
U
0.01
-H- DATUM
PLANE
DETAIL C
H
SEATING
PLANE
-C-
C
M
G
E
60
61
80
120
21
40
41
-D-
-B-
-A-
B
A
L
S
V
DETAIL A
H
0.20
A-B
D
S
S
M
C
0.20
A-B
D
A-B
0.05
S
S
M
M
CASE 841B-01
ISSUE O
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com