Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8721 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8721
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8721 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8721 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
WM8721 / WM8721L
Production Data
w
PD Rev 4.0 November 2004
4
PIN DESCRIPTION
20 PIN
SSOP
NAME
TYPE
DESCRIPTION
1
DBVDD
Supply
Digital Buffers VDD
2
BCLK
Digital Input/Output
Digital Audio Port Clock
3
DACDAT
Digital Input
DAC Digital Audio Data Input
4
DACLRC
Digital Input/Output
DAC Sample Rate Clock
5
HPVDD
Supply
Headphone VDD
6
LHPOUT
Analogue Output
Left Channel Headphone Output
7
RHPOUT
Analogue Output
Right Channel Headphone Output
8
HPGND
Ground
Headphone GND
9
LOUT
Analogue Output
Left Channel Line Output
10
ROUT
Analogue Output
Right Channel Line Output
11
AVDD
Supply
Analogue VDD
12
AGND
Ground
Analogue GND
13
VMID
Analogue Output
Mid-rail reference decoupling point
14
MODE
Digital Input
Control Interface Selection, Pull up (when ACTIVE not set)
15
CSB
Digital Input
3-Wire MPU Chip Select / 2-Wire MPU interface address
selection, active low, Pull up (when ACTIVE not set)
16
SDIN
Digital Input/Output
3-Wire MPU Data Input / 2-Wire MPU Data Input
17
SCLK
Digital Input
3-Wire MPU Clock Input / 2-Wire MPU Clock Input
18
MCLK
Digital Input
Master Clock Input (MCLK)
19
DCVDD
Supply
Digital Core VDD
20
DGND
Ground
Digital GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com