Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8721 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8721
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8721 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8721 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Production Data
WM8721 / WM8721L
w
PD Rev 4.0 November 2004
19
In Master mode, DACLRC will be output with a 50:50 mark-space ratio with BCLK output at
64fs x base frequency (ie 48kHz). The exception again is in USB mode where BCLK is always
12MHz. So for example in 12MHz/32k fs mode there are 375 master clocks per DACLRC period.
Therefore the DACLRC output will have a mark space ratio of 187:188.
The DAC digital audio interface modes are software configurable as indicated in Table 7. Note that
dynamically changing the software format may result in erroneous operation of the interfaces and is
therefore not recommended.
The length of the digital audio data is programmable at 16/20/24 or 32 bits. Refer to the software
control table below. The data is signed 2’s complement. The DAC digital filters process data using 24
bits. If the DAC is programmed to receive 16 or 20 bit data, the WM8721 packs the LSBs with zeros.
If the DAC is programmed to receive 32 bit data, then it strips the LSBs.
The DAC outputs can be swapped under software control using LRP and LRSWAP as shown in
Table 7. Stereo samples are normally generated as a Left/Right sampled pair. LRSWAP reverses
the order so that a Left sample goes to the right DAC output and a Right sample goes to the left DAC
output. LRP swaps the phasing so that a Right/Left sampled pair is expected and preserves the
correct channel phase difference, except in DSP mode, where LRP controls the positioning of the
MSB relative to the rising edge of DACLRC.
DACDAT is always an input. It is expected to be set low by the audio interface controller when the
WM8721 is powered off or in standby.
DACLRC and BCLK can be either outputs or inputs depending on whether the device is configured
as a master or slave. If the device is a master then the DACLRC and BCLK signals are outputs that
default low. If the device is a slave then the DACLRC and BCLK are inputs. It is expected that these
are set low by the audio interface controller when the WM8721 is powered off or in standby.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com