Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8721 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8721
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8721 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8721 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
w
WM8721
Internet Audio DAC with Integrated Headphone Driver
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Production Data, November 2004, Rev 4.0
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8721 is a low power stereo DAC with an integrated
headphone driver. The WM8721 is designed specifically for
portable MP3 audio and speech players. The WM8721 is
also ideal for MD, CD machines and DAT players.
Stereo 24-bit multi-bit sigma delta DACs are used with
oversampling digital interpolation filters. Digital audio input
word lengths from 16-32 bits and sampling rates from 8kHz
to 96kHz are supported.
Stereo audio outputs are buffered for driving headphones
from a programmable volume control, line level outputs are
also provided along with anti-thump mute and power
up/down circuitry.
The device is controlled via a 2 or 3 wire serial interface.
The interface provides access to all features including
volume controls, mutes, de-emphasis and extensive power
management facilities. The device is available in a small 20-
pin SSOP package.
A USB mode is provided where all audio rates can be
derived from a simple 12MHz or 24MHz master clock,
eliminating the need for a PLL or multiple crystals.
FEATURES
•
Audio Performance
−
DAC SNR 100dB (‘A’ weighted) at AVDD = 3.3V
−
1.42 – 3.6V Digital Supply Operation
−
2.7 – 3.6V Analogue Supply Operation
•
Low Power
−
Headphone Playback: 20mW at AVDD = 3.3V
•
DAC Sampling Frequency: 8kHz – 96kHz
•
2 or 3-Wire MPU Serial Control Interface
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
•
Stereo Audio Outputs
•
Output Volume and Mute Controls
•
Highly Efficient Headphone Driver
•
20-Pin SSOP Package
APPLICATIONS
•
Portable MP3 Players
•
CD and Minidisc Players
BLOCK DIAGRAM
DIGITAL
FILTERS
CONTROL INTERFACE
DAC
DAC
VOL/
MUTE
VOL/
MUTE
H/P
DRIVER
H/P
DRIVER
RHPOUT
LHPOUT
ROUT
LOUT
+6 to -73dB
1 dB Steps
HPVDD
HPGND
+6 to -73dB
1 dB Steps
DACLRC
BCLK
DACDAT
CLKIN
DIVIDER
(Div x1,
x2)
MUTE
MUTE
W
WM8721


Similar Part No. - WM8721

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8721 WOLFSON-WM8721 Datasheet
128Kb / 2P
portable digital audio solutions
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
Internet Audio DAC with Integrated Headphone Driver
WM8721EDS WOLFSON-WM8721EDS Datasheet
128Kb / 2P
portable digital audio solutions
WM8721L WOLFSON-WM8721L Datasheet
128Kb / 2P
portable digital audio solutions
WM8721LEDS WOLFSON-WM8721LEDS Datasheet
128Kb / 2P
portable digital audio solutions
More results

Similar Description - WM8721

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
Internet Audio DAC with Integrated Headphone Driver
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711_06 Datasheet
536Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8731 WOLFSON-WM8731_06 Datasheet
762Kb / 63P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8711 WOLFSON-WM8711_10 Datasheet
498Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Wolfson Microelectronic...
WM8711L WOLFSON-WM8711L_11 Datasheet
445Kb / 44P
Internet Audio DAC with Integrated Headphone Amplifier
WM8731 WOLFSON-WM8731_09 Datasheet
814Kb / 64P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731SED WOLFSON-WM8731SED_13 Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com