Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8721 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8721
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8721 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8721 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Production Data
WM8721 / WM8721L
w
PD Rev 4.0 November 2004
11
DEVICE DESCRIPTION
INTRODUCTION
The WM8721 is a low power audio DAC designed specifically for portable audio products. It’s
features, performance and low power consumption make it ideal for portable MP3, CD and mini-disc
players.
The WM8721 includes line and headphone outputs from the on-board DAC, configurable digital audio
interface and a choice of 2 or 3 wire MPU control interface. It is fully compatible and an ideal partner
for a range of industry standard microprocessors, controllers and DSPs.
The on-board digital to analogue converter (DAC) accepts digital audio from the digital audio
interface. Digital filter de-emphasis at 32kHz, 44.1kHz and 48kHz can be applied to the digital data
under software control. The DAC employs a high quality multi-bit high-order oversampling
architecture to deliver optimum performance with low power consumption.
The DAC outputs are available both at line level and through a headphone amplifier capable of
efficiently driving low impedance headphones. The headphone output volume is adjustable in the
analogue domain over a range of +6dB to –73dB and can be muted.
The design of the WM8721 minimises power consumption without compromising performance. It
includes the ability to power off selective parts of the circuitry under software control, thus conserving
power. Separate power save modes can be configured under software control including a standby
and power off mode.
Special techniques allow the audio to be muted and the device safely placed into standby, sections
of the device powered off, volume levels adjusted without any audible clicks, pops or zipper noises.
Therefore standby and power off modes maybe used dynamically under software control, whenever
playback is not required.
The device caters for a number of different sampling rates including industry standard 8kHz, 32kHz,
44.1kHz, 48kHz, 88.2kHz and 96kHz. The WM8721 has two schemes to support the programmable
sample rates: Normal industry standard 256/384fs sampling mode may be used. A special USB
mode is included, where all audio sampling rates can be generated from a 12.00MHZ USB clock.
The digital filters used for playback are optimised for each sampling rate used.
The digital audio interface can support a range of audio data formats including I
2S, DSP Mode (a
burst mode in which frame sync plus 2 data packed words are transmitted), MSB-First, left justified
and MSB-First, right justified. The digital audio interface can operate in both master or slave modes.
The software control uses either a 2 or 3-wire MPU interface.
AUDIO SIGNAL PATH
DAC FILTERS
The DAC filters perform true 24 bit signal processing to convert the incoming digital audio data from
the digital audio interface at the specified sample rate to multi-bit oversampled data for processing by
the analogue DAC. Figure 6 illustrates the DAC digital filter path.
FROM DIGITAL
AUDIO
INTERFACE
DIGITAL
LPF
DIGITAL
INTERPOLATION
TO DACS
DIGITAL
DE_EMPHASIS
DACMU
DEEMP
Figure 6 DAC Filter Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com