Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8721 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8721
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8721 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8721 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Production Data
WM8721 / WM8721L
w
PD Rev 4.0 November 2004
21
As a master mode device the WM8721 controls the sequencing of data transfer (DACDAT) and
output of clocks (BCLK, DACLRC) over the digital audio interface. It uses the timing generated from
the MCLK input as the reference for the clock and data transitions. This is illustrated in Figure 16.
DACDAT is always an input to the WM8721 independent of master or slave mode.
BCLK
DACDAT
DACLRC
WM8721
DAC
DSP
DECODER
Figure 16 Master Mode
As a slave device the WM8721 sequences the data transfer (DACDAT) over the digital audio
interface in response to the external applied clocks (BCLK, DACLRC). This is illustrated in Figure 17.
BCLK
DACDAT
DACLRC
WM8721
DAC
DSP
DECODER
Figure 17 Slave Mode
Note that the WM8721 relies on controlled phase relationships between audio interface BCLK,
DACLRC and the master MCLK. To avoid any timing hazards, refer to the timing section for detailed
information.
AUDIO DATA SAMPLING RATES
The WM8721 provides for two modes of operation (normal and USB) to generate the required DAC
sampling rates. Normal and USB modes are programmed under software control according to the
table below.
In Normal mode, the user controls the sample rate by using an appropriate MCLK frequency and the
sample rate control register setting. The WM8721 can support sample rates from 8ks/s up to 96ks/s.
In USB mode, the user must use a fixed MLCK frequency of 12MHz to generate sample rates from
8ks/s to 96ks/s. It is called USB mode since the common USB (Universal Serial Bus) clock is at
12MHz and the WM8721 can be directly used within such systems. WM8721 can generate all the
normal audio sample rates from this one Master Clock frequency, removing the need for different
master clocks or PLL circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com