Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8721 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8721
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8721 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8721 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Production Data
WM8721 / WM8721L
w
PD Rev 4.0 November 2004
13
VMID
LINEOUT
FROM DAC
TO HEADPHONE AMP
DACSEL
Figure 8 Line Output Schematic
The line output is muted by either programming the DACMU (digital) bit as per table 2, or by writing
to the DACSEL (analogue) bit as per table 3. Whenever the DAC is muted or the device placed into
standby mode the DC voltage is maintained at the line outputs to prevent any audible clicks from
being present.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000100
Analogue
Audio Path
Control
4
DACSEL
0
DAC Select
1 = Select DAC
0 = Don’t select DAC
Table 3 Output Software Control
The recommended external components are shown in Figure 9.
AGND
R1
C1
AGND
LINEOUT
R2
Figure 9 Line Outputs Application Drawing
Recommended values are C1 = 10
µF, R1 = 47k, R2 = 100Ω
C1 forms a DC blocking capacitor to the line outputs. R1 prevents the output voltage from drifting so
protecting equipment connected to the line output. R2 forms a de-coupling resistor preventing
abnormal loads from disturbing the device. Note that poor choice of dielectric material for C1 can
have dramatic effects on the measured signal distortion at the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com