Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8721 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8721
Description  Internet Audio DAC with Integrated Headphone Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8721 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8721 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8721 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
WM8721 / WM8721L
Production Data
w
PD Rev 4.0 November 2004
20
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
FORMAT[1:0]
10
Audio Data Format Select
11 = DSP Mode, frame sync +
2 data packed words
10 = I
2S Format, MSB-First
left-1 justified
01 = MSB-First, left justified
00 = MSB-First, right justified
3:2
IWL[1:0]
10
Input Audio Data Bit Length
Select
11 = 32 bits
10 = 24 bits
01 = 20 bits
00 = 16 bits
0000111
Digital Audio
Interface
Format
4
LRP
0
DACLRC phase control (in left,
right or I
2S modes)
1 = Right Channel DAC data
when DACLRC high
0 = Right Channel DAC data
when DACLRC low
(opposite phasing in I
2S mode)
or
DSP mode A/B select ( in DSP
mode only)
1 = MSB is available on 2
nd
BCLK rising edge after
DACLRC rising edge
0 = MSB is available on 1st
BCLK rising edge after
DACLRC rising edge
5
LRSWAP
0
DAC Left Right Clock Swap
1 = Right Channel DAC Data
Left
0 = Right Channel DAC Data
Right
6
MS
0
Master Slave Mode Control
1 = Enable Master Mode
0 = Enable Slave Mode
7
BCLKINV
0
Bit Clock Invert
1 = Invert BCLK
0 = Don’t invert BCLK
Table 7 Digital Audio Interface Control
Note: If right justified 32 bit mode is selected then the WM8721 defaults to 24 bits.
MASTER AND SLAVE MODE OPERATION
The WM8721 can be configured as either a master or slave mode device. As a master mode device
the WM8721 controls sequencing of the data and clocks on the digital audio interface. As a slave
device the WM8721 responds with data to the clocks it receives over the digital audio interface. The
mode is set with the MS bit of the control register as shown in Table 8.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000111
Digital Audio Interface
Format
6
MS
0
Master Slave Mode Control
1 = Enable Master Mode
0 = Enable Slave Mode
Table 8 Programming Master/Slave Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com