Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HT85ZB5F Datasheet(PDF) 70 Page - STMicroelectronics

Part # M58LR128HT85ZB5F
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5F Datasheet(HTML) 70 Page - STMicroelectronics

Back Button M58LR128HT85ZB5F Datasheet HTML 66Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 67Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 68Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 69Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 70Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 71Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 72Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 73Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
DC and AC parameters
M58LR128HT, M58LR128HB
70/112
Table 26.
Write AC characteristics, Chip Enable controlled(1)
1.
Sampled only, not 100% tested.
Symbol
Alt
Parameter
M58LR128HT/B
Unit
85
tAVAV
tWC
Address Valid to Next Address Valid
Min
85
ns
tAVEH
Address Valid to Chip Enable High
Min
45
ns
tAVLH
Address Valid to Latch Enable High
Min
7
ns
tDVEH
tDS
Data Valid to Chip Enable High
Min
45
ns
tEHAX
tAH
Chip Enable High to Address Transition
Min
0
ns
tEHDX
tDH
Chip Enable High to Input Transition
Min
0
ns
tEHEL
tCPH
Chip Enable High to Chip Enable Low
Min
20
ns
tEHGL
Chip Enable High to Output Enable Low
Min
0
ns
tEHWH
tCH
Chip Enable High to Write Enable High
Min
0
ns
tELKV
Chip Enable Low to Clock Valid
Min
7
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
Min
45
ns
tELLH
Chip Enable Low to Latch Enable High
Min
10
ns
tELQV
Chip Enable Low to Output Valid
Min
85
ns
tGHEL
Output Enable High to Chip Enable Low
Min
17
ns
tLHAX
Latch Enable High to Address Transition
Min
7
ns
tLLLH
Latch Enable Pulse Width
Min
7
ns
tWHEL
(2)
2.
tWHEL has this value when reading in the targeted bank or when reading following a Set Configuration
Register command. System designers should take this into account and may insert a software No-Op
instruction to delay the first read in the same bank after issuing any command and to delay the first read to
any address after issuing a Set Configuration Register command. If the first read after the command is a
Read Array operation in a different bank and no changes to the Configuration Register have been issued,
tWHEL is 0ns.
Write Enable High to Chip Enable Low
Min
20
ns
tWLEL
tCS
Write Enable Low to Chip Enable Low
Min
0
ns
tEHVPL
Chip Enable High to VPP Low
Min
200
ns
tEHWPL
Chip Enable High to Write Protect Low
Min
200
ns
tQVVPL
Output (Status Register) Valid to VPP Low
Min
0
ns
tQVWPL
Output (Status Register) Valid to Write
Protect Low
Min
0
ns
tVPHEH
tVPS
VPP High to Chip Enable High
Min
200
ns
tWPHEH
Write Protect High to Chip Enable High
Min
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com