Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HT85ZB5F Datasheet(PDF) 40 Page - STMicroelectronics

Part # M58LR128HT85ZB5F
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5F Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M58LR128HT85ZB5F Datasheet HTML 36Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 37Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 38Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 39Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 40Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 41Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 42Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 43Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
Configuration Register
M58LR128HT, M58LR128HB
40/112
6.7
Valid Clock Edge bit (CR6)
The Valid Clock Edge bit, CR6, is used to configure the active edge of the Clock, K, during
synchronous read operations. When the Valid Clock Edge bit is Low (set to ’0’) the falling
edge of the Clock is the active edge. When the Valid Clock Edge bit is High (set to ’1’) the
rising edge of the Clock is the active edge.
6.8
Wrap Burst bit (CR3)
The Wrap Burst bit, CR3, is used to select between wrap and no wrap. Synchronous burst
reads can be confined inside the 4, 8 or 16 Word boundary (wrap) or overcome the
boundary (no wrap).
When the Wrap Burst bit is Low (set to ‘0’) the burst read wraps. When it is High (set to ‘1’)
the burst read does not wrap.
6.9
Burst length bits (CR2-CR0)
The Burst Length bits are used to set the number of Words to be output during a
Synchronous Burst Read operation as result of a single address latch cycle.
They can be set for 4 Words, 8 Words, 16 Words or continuous burst, where all the Words
are read sequentially. In continuous burst mode the burst sequence can cross bank
boundaries.
In continuous burst mode, in 4, 8 or 16 Words no-wrap, depending on the starting address,
the device asserts the WAIT signal to indicate that a delay is necessary before the data is
output.
If the starting address is shifted by 1, 2 or 3 positions from the four-Word boundary, WAIT is
asserted for 1, 2 or 3 clock cycles, respectively, when the burst sequence crosses the first
16-Word boundary, to indicate that the device needs an internal delay to read the
successive Words in the array. WAIT will be asserted only once during a continuous burst
access. See also Table 12: Burst type definition.
CR14, CR5 and CR4 are reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com